Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP-SERIES Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # SMPP-SERIES
Description  Surface Mount Plastic PIN Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPP-SERIES Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  SMPP-SERIES Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Surface Mount Plastic PIN Diodes
Rev. V19
SMPP Series
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
5
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Typical Forward Resistance vs. DC Bias Current @ 100 MHz
Resistance vs. Forward Current
(MA4P275 / MA4P7436 /MADP-007436 Series)
Resistance vs. Forward Current
(MA4P274 / MA4P7455 MADP-007155 Series)
Forward Bias Current
Forward Bias Current
Resistance vs. Forward Current
(MA4P277 / MA4P7437 /MADP-007437 Series)
Resistance vs. Forward Current
(MA4P278 / MA4P7438 /MADP-007438 Series)
Forward Bias Current
Forward Bias Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com