Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP-SERIES Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMPP-SERIES
Description  Surface Mount Plastic PIN Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPP-SERIES Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMPP-SERIES Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Surface Mount Plastic PIN Diodes
Rev. V19
SMPP Series
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
The diodes are come in various chip configurations and
are available as single diodes, series tees (ST), series tee
reverse (STR), common cathode pairs (CK), common
anode pairs (CA), and unconnected pairs in the respective
featured packages.
M/A-COM’s PIN diodes are available in the SOT-23 (case
style 287), the SOT-143 (case style 1068), the SOT-323/
SC-70 (3L) (case style 1146), the SOD-323 (case style
1141), and the SC-79 (case style 1279) packages. These
packages are supplied on tape and reel for automatic pick
and place assembly. The tape and reel suffix designation
is a “T” at the end of the part number.
Features
• Industry Standard Surface Mount Packages
• Lead-Free (RoHS Compliant) Equivalents
Available with 260
°C Reflow Compatibility
• Low Loss, High Isolation Switching Diodes
• Low Distortion Attenuator Diodes
• Single and Dual Diode Configurations
• Tape and Reel Packaging
Description and Applications
M/A-COM Technology Solutions offers silicon PIN diodes
in five standard, low cost, surface mount plastic packages
for use as switches and attenuators. The diodes are
offered with standard Sn/Pb plating, as well as with 100%
matte Sn plating on our RoHS compliant devices. These
PIN diodes feature a variety of I-region lengths resulting in
lower resistance, and lower capacitance devices for
various microwave control circuit applications.
The MA4P275 / MA4P7436 / MADP-007436 series offer
the lowest series resistance for best performance as low
loss series switches and high isolation shunt switches.
The MA4P789 / MA4P7433 / MADP-007433 series have
the lowest capacitance and offers the highest isolation in
series and series-shunt switches through 3GHz.
The MA4P282 / MA4P7447 / MADP-007155 series, the
MA4P274 / MA4P7455 / MADP-007455 series and the
MADP-007448 series are general purpose PIN diodes
useful as either switches or attenuators.
The MA4P277 / MA4P7437 / MADP-007437 series and
MA4P278 / MA4P7438 / MADP-007438 series device
have thicker intrinsic regions to provide lower distortion in
attenuator circuits.
The MA4P290/MADP-007167 series devices have the
thickest I-Region, offering the lowest distortion and highest
IP3 for current controlled attenuator circuits. These
devices are ideal for AGC functions for infrastructure and
Package Outlines
SOT-143
SOD-323
SC-79
SOT-323
SOT-23
Parameter
Absolute
Maximum
Operating Temperature
-65
°C to +150 °C
Storage Temperature
-65
°C to +125 °C
Junction Temperature
+ 175
°C
Reverse Voltage
Voltage Rating (See Table)
Forward Current
150 mA DC
Absolute Maximum Power Ratings @ 25 °C
1
1. Operation of these devices above any one of these
parameters may cause permanent damage.


Similar Part No. - SMPP-SERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
Surface Mount Plastic PIN Diodes
logo
InterFET Corporation
SMPP1086 INTERFET-SMPP1086 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
SMPP1087 INTERFET-SMPP1087 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
logo
Tyco Electronics
SMPPSERIES MACOM-SMPPSERIES Datasheet
210Kb / 11P
Surface Mount Plastic PIN Diodes
More results

Similar Description - SMPP-SERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMPPSERIES MACOM-SMPPSERIES Datasheet
210Kb / 11P
Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
Surface Mount Plastic PIN Diodes
SMPP MACOM-SMPP Datasheet
116Kb / 10P
Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com