Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP-SERIES Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SMPP-SERIES
Description  Surface Mount Plastic PIN Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPP-SERIES Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SMPP-SERIES Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. SMPP-SERIES Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Surface Mount Plastic PIN Diodes
Rev. V19
SMPP Series
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
2. The reverse current will not exceed 10
μA at the reverse voltage rating.
3. Total capacitance is measured at 1 MHz at the indicated voltage.
4. Series resistance is measured at the specified current and a frequency of 100 MHz.
5. Nominal minority carrier lifetime is measured at IF = 10 mA, IR = 6 mA, 90% recovery.
Standard
Part
Number
RoHS Compliant
Part Number
Reverse
Voltage
2
(V)
Total
Capacitance
3
Max.
(pF)
Nominal Characteristics
Carrier Lifetime
5
(
μs)
I-Region
Thickness
(mils)
MA4P275
MA4P7436
MADP-007436 Series
75
1.00 @ 20V
0.5
0.2
0.4
MA4P789
MA4P7433
MADP-007433 Series
75
0.35 @ 20V
1.5
0.2
0.4
MA4P282
MA4P7447
MADP-007155 Series
100
1.20 @ 20V
0.6
1.0
0.8
MADP-007448 Series
100
0.25 @ 50V
2.0
0.4
0.6
MA4P274
MA4P7455
MADP-007455 Series
100
0.35 @ 50V
3.0
1.0
2.0
MA4P277
MA4P7437
MADP-007437 Series
200
0.35 @ 50V
6.0
2.0
4.0
MA4P278
MA4P7438
MADP-007438 Series
200
0.35 @ 50V
10.0
3.0
5.0
MA4P290
MADP-007167
200
0.30 @ 50V
16.0
3.0
7.0
RS @ 10 mA
4
Max.
(Ohms)
Electrical Specifications @ 25
°C
Absolute Maximum Power Ratings @ 25 °C
1 (Unless Otherwise Noted)
MA4P282 / MA4P7447/MADP-007155 Series
(
θ die = 15°C/ W ), RF & DC Incident De-rating Coefficient = - 21.3 mW / °C
MA4P275 / MA4P7436/MADP-007436 Series
(
θ die = 25°C/ W ), RF & DC Incident De-rating Coefficient = - 16.8 mW / °C
MA4P278 / MA4P7438/MADP-007438Series
(
θ die = 30°C/ W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P274 / MA4P7455/MADP-007455 Series
(
θ die = 35°C/ W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P277 / MA4P7437/MADP-007437 Series
(
θ die = 45°C/ W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P290 / MADP-007167 Series
(
θ die = 55°C/ W ), RF & DC Incident De-rating Coefficient = - 13.3 mW / °C
MA4P789 / MA4P7433 / MADP-007433 Series (
θ die = 80°C/ W ), RF & DC Incident De-rating Coefficient = - 10.7 mW / °C
MADP-007448 Series
(
θ die = 80°C/ W ), RF & DC Incident De-rating Coefficient = - 10.7 mW / °C
+ 32 dBm
+ 31 dBm
+ 30 dBm
+ 30 dBm
+ 30 dBm
+ 30 dBm
+ 29 dBm
+ 32 dBm
Total ( RF + DC ) Power Dissipation @ 25
°C
( SOT-23, SOT-143 ) : RF & DC Dissipated De-rating Coefficient = - 33.3 mW /
°C
( SOT-323, SOD-323, SC-79 ) : RF & DC Dissipated De-rating Coefficient = - 26.7 mW /
°C
250 mW
200 mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com