Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHQ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CHQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CHQ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CHQ Datasheet HTML 1Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 2Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 3Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 4Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 5Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 6Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD Ceramic Multilayer Chip Inductors – CHQ Series
Electrical Characteristics
Q Typical
Part Number
Inductance
(nH)
Tolerance
(±%)
Q
Min
Test
Frequency
(MHz)
500
MHz
800
MHz
1.8
GHz
2.0
GHz
2.4
GHz
SRF
(MHz)
Min
DC
Resistance
(Ω) Max
IDC
(mA)
Max
CHQ0603T-0N6□-HU
0.6
±0.1nH/±0.2nH/±0.3nH
14
500
>35
>47
>75
>80
>88
10000
0.06
900
CHQ0603T-0N7□-HU
0.7
±0.1nH/±0.2nH/±0.3nH
14
500
>35
>47
>75
>80
>88
10000
0.06
900
CHQ0603T-0N8□-HU
0.8
±0.1nH/±0.2nH/±0.3nH
14
500
>35
>47
>75
>80
>88
10000
0.06
900
CHQ0603T-0N9□-HU
0.9
±0.1nH/±0.2nH/±0.3nH
14
500
>35
>47
>75
>80
>88
10000
0.06
900
CHQ0603T-1N0□-HU
1.0
±0.1nH/±0.2nH/±0.3nH
14
500
>35
>47
>75
>80
>88
10000
0.07
850
CHQ0603T-1N1□-HU
1.1
±0.1nH/±0.2nH/±0.3nH
14
500
>35
>47
>75
>80
>88
10000
0.07
850
CHQ0603T-1N2□-HU
1.2
±0.1nH/±0.2nH/±0.3nH
14
500
35
47
75
80
88
10000
0.08
800
CHQ0603T-1N3□-HU
1.3
±0.1nH/±0.2nH/±0.3nH
14
500
32
43
70
74
82
10000
0.09
760
CHQ0603T-1N4□-HU
1.4
±0.1nH/±0.2nH/±0.3nH
14
500
29
39
63
67
75
10000
0.12
640
CHQ0603T-1N5□-HU
1.5
±0.1nH/±0.2nH/±0.3nH
14
500
27
36
59
62
69
10000
0.15
600
CHQ0603T-1N6□-HU
1.6
±0.1nH/±0.2nH/±0.3nH
14
500
25
33
54
57
63
10000
0.19
510
CHQ0603T-1N7□-HU
1.7
±0.1nH/±0.2nH/±0.3nH
14
500
25
32
52
54
61
10000
0.11
680
CHQ0603T-1N8□-HU
1.8
±0.1nH/±0.2nH/±0.3nH
14
500
25
32
51
53
59
10000
0.12
640
CHQ0603T-1N9□-HU
1.9
±0.1nH/±0.2nH/±0.3nH
14
500
24
31
50
53
58
10000
0.13
620
CHQ0603T-2N0□-HU
2.0
±0.1nH/±0.2nH/±0.3nH
14
500
24
31
50
53
58
10000
0.15
600
CHQ0603T-2N1□-HU
2.1
±0.1nH/±0.2nH/±0.3nH
14
500
24
31
50
53
58
10000
0.16
550
CHQ0603T-2N2□-HU
2.2
±0.1nH/±0.2nH/±0.3nH
14
500
24
31
50
53
58
10000
0.20
500
CHQ0603T-2N3□-HU
2.3
±0.1nH/±0.2nH/±0.3nH
14
500
24
31
49
52
58
10000
0.24
460
CHQ0603T-2N4□-HU
2.4
±0.1nH/±0.2nH/±0.3nH
14
500
22
28
45
48
53
10000
0.26
430
CHQ0603T-2N5□-HU
2.5
±0.1nH/±0.2nH/±0.3nH
14
500
22
29
46
49
54
10000
0.28
415
CHQ0603T-2N6□-HU
2.6
±0.1nH/±0.2nH/±0.3nH
14
500
21
27
44
46
51
10000
0.30
405
CHQ0603T-2N7□-HU
2.7
±0.1nH/±0.2nH/±0.3nH
14
500
20
26
41
43
48
10000
0.32
400
CHQ0603T-2N8□-HU
2.8
±0.1nH/±0.2nH/±0.3nH
14
500
20
26
41
43
47
9500
0.20
500
CHQ0603T-2N9□-HU
2.9
±0.1nH/±0.2nH/±0.3nH
14
500
20
26
41
43
47
9300
0.22
480
CHQ0603T-3N0□-HU
3.0
±0.1nH/±0.2nH/±0.3nH
14
500
20
26
41
43
47
9100
0.24
460
CHQ0603T-3N1□-HU
3.1
±0.1nH/±0.2nH/±0.3nH
14
500
20
26
41
43
47
8900
0.25
450
CHQ0603T-3N2□-HU
3.2
±0.1nH/±0.2nH/±0.3nH
14
500
20
26
40
43
47
8700
0.28
415
CHQ0603T-3N3□-HU
3.3
±0.1nH/±0.2nH/±0.3nH
14
500
20
26
40
43
47
8600
0.28
415
CHQ0603T-3N4□-HU
3.4
±0.1nH/±0.2nH/±0.3nH
14
500
20
25
40
43
47
8400
0.29
410
CHQ0603T-3N5□-HU
3.5
±0.1nH/±0.2nH/±0.3nH
14
500
20
25
40
42
46
8200
0.30
405
CHQ0603T-3N6□-HU
3.6
±0.1nH/±0.2nH/±0.3nH
14
500
19
25
40
42
46
8100
0.32
400
CHQ0603T-3N7□-HU
3.7
±0.1nH/±0.2nH/±0.3nH
14
500
19
25
40
42
46
8000
0.36
370
CHQ0603T-3N8□-HU
3.8
±0.1nH/±0.2nH/±0.3nH
14
500
19
25
39
41
45
7800
0.40
355
CHQ0603T-3N9□-HU
3.9
±0.1nH/±0.2nH/±0.3nH
14
500
19
25
39
41
45
7700
0.41
350
CHQ0603T-4N0□-HU
4.0
±0.1nH/±0.2nH/±0.3nH
14
500
18
28
39
41
45
7600
0.44
335
CHQ0603T-4N1□-HU
4.1
±0.1nH/±0.2nH/±0.3nH
14
500
19
25
39
41
45
7500
0.48
320
CHQ0603T-4N2□-HU
4.2
±0.1nH/±0.2nH/±0.3nH
14
500
18
24
37
39
43
7300
0.48
320
CHQ0603T-4N3□-HU
4.3
±0.2nH/±0.3nH
14
500
18
24
37
39
43
6500
0.48
320
CHQ0603T-4N6□-HU
4.6
±0.2nH/±0.3nH
14
500
18
24
37
39
42
6500
0.39
360
CHQ0603T-4N7□-HU
4.7
±0.2nH/±0.3nH
14
500
19
24
37
39
42
6400
0.42
350
CHQ0603T-5N0□-HU
5.0
±0.2nH/±0.3nH
14
500
19
24
37
39
42
6200
0.44
335
CHQ0603T-5N1□-HU
5.1
±0.2nH/±0.3nH
14
500
19
24
37
39
42
6100
0.45
330
CHQ0603T-5N4□-HU
5.4
±0.2nH/±0.3nH
14
500
18
24
36
38
42
5900
0.49
315
CHQ0603T-5N6□-HU
5.6
±0.2nH/±0.3nH
14
500
18
24
36
37
41
5500
0.47
325
CHQ0603T-5N9□-HU
5.9
±0.2nH/±0.3nH
14
500
18
23
35
36
39
5500
0.47
325
CHQ0603T-6N2□-HU
6.2
±0.2nH/±0.3nH
14
500
18
23
35
36
39
5100
0.52
305
CHQ0603T-6N5□-HU
6.5
±0.2nH/±0.3nH
14
500
18
23
35
36
39
5100
0.52
305
CHQ0603T-6N8□-HU
6.8
3/5
14
500
18
23
35
36
39
4800
0.55
305
 Tolerance:B = ± 0.1 nH;C = ± 0.2 nH;S = ± 0.3 nH;H = ± 3 %;J = ± 5%
 Test Instruments: L/Q :
Agilent E4991A
Fixture:Agilent 16197A
SRF:
Agilent E4991A / HP19196C
RDC:
HP4338B/ CH502BC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com