Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHQ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CHQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CHQ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CHQ Datasheet HTML 1Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 2Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 3Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 4Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 5Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 6Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD Ceramic Multilayer Chip Inductors – CHQ Series
Electrical Characteristics
Q Typical
Part Number
Inductance
(nH)
Tolerance
(±%)
Q
Min
Test
Frequency
(MHz)
500
MHz
800
MHz
1.8
GHz
2.0
GHz
2.4
GHz
SRF
(MHz)
Min
DC
Resistance
(Ω) Max
IDC
(mA)
Max
CHQ0603T-7N1□-HU
7.1
3/5
14
500
18
23
35
36
39
4800
0.55
305
CHQ0603T-7N5□-HU
7.5
3/5
14
500
18
23
34
35
38
4600
0.55
305
CHQ0603T-7N8□-HU
7.8
3/5
14
500
17
22
33
34
36
4600
0.51
310
CHQ0603T-8N2□-HU
8.2
3/5
14
500
17
22
33
34
36
4300
0.57
290
CHQ0603T-8N5□-HU
8.5
3/5
14
500
17
22
33
34
36
4300
0.57
290
CHQ0603T-9N1□-HU
9.1
3/5
14
500
17
22
33
34
36
4000
0.65
270
CHQ0603T-9N4□-HU
9.4
3/5
14
500
17
22
33
34
36
4000
0.73
250
CHQ0603T-10N□-HU
10
3/5
14
500
17
22
33
34
36
3800
0.85
230
CHQ0603T-12N□-HU
12
3/5
14
500
17
22
31
32
33
3300
0.85
230
CHQ0603T-15N□-HU
15
3/5
14
500
17
21
28
29
29
2600
0.89
220
CHQ0603T-18N□-HU
18
3/5
14
500
16
21
26
26
25
2300
1.05
205
CHQ0603T-22N□-HU
22
3/5
14
500
16
21
26
26
24
1900
1.29
190
 Tolerance:B = ± 0.1 nH;C = ± 0.2 nH;S = ± 0.3 nH;H = ± 3 %;J = ± 5%
 Test Instruments: L/Q :
Agilent E4991A
Fixture:Agilent 16197A
SRF:
Agilent E4991A / HP19196C
RDC:
HP4338B/ CH502BC
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CHQ0603T-0N6B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.06Ω SRF:10000MHz IDC:900 mA
0
10
20
30
40
50
60
70
80
90
100
CHQ0603T-0N7B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.06Ω SRF:10000MHz IDC:900 mA
0
10
20
30
40
50
60
70
80
90
100
CHQ0603T-0N8B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.06Ω SRF:10000MHz IDC:900 mA
0
10
20
30
40
50
60
70
80
90
100
CHQ0603T-0N9B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.06Ω SRF:10000MHz IDC:900 mA
0
10
20
30
40
50
60
70
80
90
100
CHQ0603T-1N0B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.07Ω SRF:10000MHz IDC:850 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-1N1B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.07Ω SRF:10000MHz IDC:850 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-1N2B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.08Ω SRF:10000MHz IDC:800 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-1N3B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.09Ω SRF:10000MHz IDC:760 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-1N4B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF:10000MHz IDC:640 mA
0
10
20
30
40
50
60
70
80



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com