Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHQ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CHQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CHQ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CHQ Datasheet HTML 1Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 2Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 3Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 4Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 5Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 6Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMD Ceramic Multilayer Chip Inductors – CHQ Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CHQ0603T-3N0B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:9100MHz IDC:460 mA
0
10
20
30
40
50
60
CHQ0603T-3N1B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.25Ω SRF:8900MHz IDC:450 mA
0
10
20
30
40
50
60
CHQ0603T-3N2B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:8700MHz IDC:415 mA
0
10
20
30
40
50
60
CHQ0603T-3N3B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:8600MHz IDC:415 mA
0
10
20
30
40
50
60
CHQ0603T-3N4B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.29Ω SRF:8400MHz IDC:410 mA
0
10
20
30
40
50
60
CHQ0603T-3N5B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.3Ω SRF:8200MHz IDC:405 mA
0
10
20
30
40
50
60
CHQ0603T-3N6B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SRF:8100MHz IDC:400 mA
0
10
20
30
40
50
60
CHQ0603T-3N7B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.36Ω SRF:8000MHz IDC:370 mA
0
10
20
30
40
50
60
CHQ0603T-3N8B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.4Ω SRF:7800MHz IDC:355 mA
0
10
20
30
40
50
60
CHQ0603T-3N9B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.41Ω SRF:7700MHz IDC:350 mA
0
10
20
30
40
50
60
CHQ0603T-4N0B-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.44Ω SRF:7600MHz IDC:335 mA
0
10
20
30
40
50
60
CHQ0603T-4N3C-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.48Ω SRF:6500MHz IDC:320 mA
0
10
20
30
40
50
60
CHQ0603T-4N7C-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.42Ω SRF:6400MHz IDC:350 mA
0
10
20
30
40
50
60
CHQ0603T-5N1C-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.45Ω SRF:6100MHz IDC:330 mA
0
10
20
30
40
50
60
CHQ0603T-5N6C-HU
0
2
4
6
8
10
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.47Ω SRF:5500MHz IDC:325 mA
0
10
20
30
40
50
60



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com