Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SSL
Description  SMD Unshielded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SSL Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SMD Unshielded Power Inductors - SSL Series
Electrical Characteristics
Part Number
Inductance
(uH)
Tolerance
(±%)
D.C. Resistance
(Ω) Max
Isat
(A)
SSL0614T-4R7M-N
4.7
20
0.145
1.60
SSL0614T-6R8M-N
6.8
20
0.165
1.30
SSL0614T-100M-N
10
20
0.240
1.00
SSL0614T-150M-N
15
20
0.300
0.90
SSL0614T-220M-N
22
20
0.420
0.70
SSL0614T-330M-N
33
20
0.550
0.60
SSL0614T-470M-N
47
20
0.765
0.40
SSL0614T-680M-N
68
20
1.10
0.40
SSL0614T-101M-N
100
20
1.60
0.30
SSL0614T-151M-N
150
20
2.50
0.25
SSL0614T-221M-N
220
20
3.65
0.22
SSL0614T-331M-N
330
20
4.65
0.18
SSL0614T-471M-N
470
20
6.75
0.14
SSL0614T-681M-N
680
20
9.15
0.12
SSL0614T-102M-N
1000
20
14.2
0.10
 Inductance tested at 100 KHz, 0.1 Vrms.I
 Inductance drop = 10% typ. at Isat
 Tolerance: M = ±20%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com