Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SSL
Description  SMD Unshielded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SSL Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SMD Unshielded Power Inductors – SSL Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
Isat
(A)
Irms
(A)
SSL0804T-1R0M-N
1.0
20
100
0.009
9.0
6.8
SSL0804T-1R5M-N
1.5
20
90
0.010
8.0
6.4
SSL0804T-2R2M-N
2.2
20
80
0.012
7.0
6.1
SSL0804T-3R3M-N
3.3
20
65
0.015
6.4
5.4
SSL0804T-4R7M-N
4.7
20
45
0.018
5.4
4.8
SSL0804T-6R8M-N
6.8
20
38
0.027
4.6
4.4
SSL0804T-100M-N
10
20
30
0.038
3.8
3.9
SSL0804T-150M-N
15
20
27
0.046
3.0
3.1
SSL0804T-220M-N
22
20
19
0.085
2.6
2.7
SSL0804T-330M-N
33
20
15
0.100
2.0
2.1
SSL0804T-470M-N
47
20
12
0.140
1.6
1.8
SSL0804T-680M-N
68
20
10
0.200
1.4
1.5
SSL0804T-101M-N
100
20
9
0.260
1.2
1.3
SSL0804T-151M-N
150
20
6
0.400
1.0
1.0
SSL0804T-221M-N
220
20
5
0.610
0.8
0.8
SSL0804T-331M-N
330
20
4.5
1.020
0.6
0.6
SSL0804T-471M-N
470
20
3.5
1.270
0.5
0.5
SSL0804T-681M-N
680
20
2.5
2.020
0.4
0.4
SSL0804T-102M-N
1000
20
2.0
3.000
0.3
0.3
Inductance tested at 100 KHz, 0.1 Vrms.
Inductance drop = 20% typ. at Isat.
ΔT = 15
rise typ
. at Irms.
Tolerance: M = ±20%
Operating temperature range -40℃~125℃ (Including self - temperature rise )
Test Instruments:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com