Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SSL
Description  SMD Unshielded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SSL Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SMD Unshielded Power Inductors – SSL Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
SRF
(MHz) Typ.
DC Resistance
(Ω+15%)
Isat
(A)
Irms
(A)
SSL1306T-1R0M-N
1.0
20
80
0.011
20
8.6
SSL1306T-2R2M-N
2.2
20
80
0.014
16
7.1
SSL1306T-3R3M-N
3.3
20
60
0.016
14
6.2
SSL1306T-5R6M-N
5.6
20
40
0.022
12
5.3
SSL1306T-100M-N
10
20
30
0.032
10
4.3
SSL1306T-150M-N
15
20
22
0.036
8.0
4.0
SSL1306T-220M-N
22
20
20
0.047
7.0
3.5
SSL1306T-330M-N
33
20
15
0.066
5.5
3.0
SSL1306T-470M-N
47
20
9
0.087
4.5
2.6
SSL1306T-680M-N
68
20
8
0.13
3.5
2.3
SSL1306T-101M-N
100
20
7
0.19
3.0
1.8
SSL1306T-151M-N
150
20
6
0.25
2.6
1.5
SSL1306T-221M-N
220
20
5
0.38
2.4
1.2
SSL1306T-331M-N
330
20
4
0.56
1.9
1.0
SSL1306T-471M-N
470
20
3
0.85
1.4
0.82
SSL1306T-681M-N
680
20
2.5
1.2
1.2
0.72
SSL1306T-102M-N
1000
20
2
1.8
1.0
0.56
 Inductance tested at 100 KHz, 0.1 Vrms.
 Inductance drop = 20% typ. at Isat.
 ΔT = 40℃ rise typ. at Irms.
 Tolerance: M = ±20%
 Operating temperature range -40℃~125℃ (Including self - temperature rise )
Test Instruments:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com