Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0503HC-R56M-N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSL0503HC-R56M-N
Description  SMD Unshielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0503HC-R56M-N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSL0503HC-R56M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0503HC-R56M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0503HC-R56M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0503HC-R56M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Unshielded Power Inductors – SSL Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
DC Resistance
(Ω) Max
SRF
(MHz) Typ.
Isat
(A)
Irms
(A)
SSL0503HC-R56M-N
0.56
20
0.010
200
7.7
6.0
SSL0503HC-1R2M-N
1.2
20
0.017
140
5.3
4.4
SSL0503HC-2R2M-N
2.2
20
0.035
100
3.5
3.1
SSL0503HC-4R7M-N
4.7
20
0.054
50
2.6
2.2
SSL0503HC-100M-N
10
20
0.111
40
1.9
1.5
SSL0503HC-150M-N
15
20
0.17
30
1.5
1.2
SSL0503HC-220M-N
22
20
0.25
25
1.2
1.0
SSL0503HC-330M-N
33
20
0.37
20
0.99
0.82
SSL0503HC-470M-N
47
20
0.47
15
0.87
0.72
 Inductance tested at 100 KHz, 0.25 Vrms.
 SRF measured using HP8753D network analyzer
 Inductance drop = 30% typ. at Isat.
 ΔT = 40∘typ. at Irms.
 Tolerance: M = ±20%
 Operating temperature range-40℃~125℃ (Including self - temperature rise )
 Electrical specifications at 25℃
Test Instruments:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com