Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0503HC-R56M-N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSL0503HC-R56M-N
Description  SMD Unshielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0503HC-R56M-N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSL0503HC-R56M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0503HC-R56M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0503HC-R56M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0503HC-R56M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Unshielded Power Inductors – SSL-HC Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
DC Resistance
(Ω) Max
SRF
(MHz) Typ.
Isat
(A)
Irms
(A)
SSL0804HC-R33M-N
0.33
20
0.002
300
20.0
16.0
SSL0804HC-R68M-N
0.68
20
0.005
200
13.0
12.0
SSL0804HC-1R0M-N
1.0
20
0.006
100
11.0
10.0
SSL0804HC-1R5M-N
1.5
20
0.008
90
9.0
9.0
SSL0804HC-2R2M-N
2.2
20
0.011
90
7.8
7.4
SSL0804HC-2R7M-N
2.7
20
0.012
65
7.0
6.6
SSL0804HC-3R3M-N
3.3
20
0.014
65
6.4
5.9
SSL0804HC-4R7M-N
4.7
20
0.018
45
5.4
4.8
SSL0804HC-6R8M-N
6.8
20
0.035
35
3.6
5.0
SSL0804HC-100M-N
10
20
0.04
26
3.3
4.3
SSL0804HC-150M-N
15
20
0.06
21
2.4
3.5
SSL0804HC-220M-N
22
20
0.08
17
2.0
2.8
SSL0804HC-330M-N
33
20
0.15
14
1.7
2.1
SSL0804HC-470M-N
47
20
0.28
12
1.4
1.7
SSL0804HC-680M-N
68
20
0.3
9
1.2
1.5
SSL0804HC-101M-N
100
20
0.4
7
0.95
1.2
 Inductance tested at 100 KHz, 0.1 Vrms.
 SRF measured using HP8753D network analyzer
 Inductance drop = 10% typ. at Isat.
 ΔT = 40℃ typ. at Irms.
 Tolerance: M = ±20%
 Operating temperature range -40℃~125℃ (Including self - temperature rise )
 Electrical specifications at 25℃
Test Instruments:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com