Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0402T-331M-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSL0402T-331M-N
Description  SMD Unshielded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0402T-331M-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSL0402T-331M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SMD Unshielded Power Inductors - SSL Series
SSL Series
Features
Applications
 RoHS compliant
 High energy storage and very low resistance
 Smallest size and high performance
 Notebook computers, step-up and step-down converters
 Flash, memory programmers. etc
Product Identification
 Packaging: T:Tape and Reel , B:Bulk
Shape and Dimensions
Recommended Pattern
SSL0402
Dimensions in mm
A
B
C
D
E
F
6.60
+0
4.45
+0
2.92
+0
1.02
1.27
4.32
Dimensions in mm
TYPE
A
B
C
D
SSL0402
1.40
4.06
6.86
3.56
SSL 0614
Dimensions in mm
A
B
C
D
9.14
+0.
7.87
+0
1.65
+0
7.24
+0
Dimensions in mm
A
B
C
D
1.21
7.24
9.66
5.84


Similar Part No. - SSL0402T-331M-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL0503HC-100M-N ETC2-SSL0503HC-100M-N Datasheet
490Kb / 4P
SMD Unshielded Power Inductors
SSL0503HC-150M-N ETC2-SSL0503HC-150M-N Datasheet
490Kb / 4P
SMD Unshielded Power Inductors
SSL0503HC-1R2M-N ETC2-SSL0503HC-1R2M-N Datasheet
490Kb / 4P
SMD Unshielded Power Inductors
SSL0503HC-220M-N ETC2-SSL0503HC-220M-N Datasheet
490Kb / 4P
SMD Unshielded Power Inductors
SSL0503HC-2R2M-N ETC2-SSL0503HC-2R2M-N Datasheet
490Kb / 4P
SMD Unshielded Power Inductors
More results

Similar Description - SSL0402T-331M-N

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
SMD Power Inductors Unshielded
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
UNSHIELDED SMD POWER INDUCTORS
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
SMD Unshielded Power Inductors
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
Unshielded SMD Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
SMD Unshielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com