Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0402T-331M-N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSL0402T-331M-N
Description  SMD Unshielded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0402T-331M-N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSL0402T-331M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SMD Unshielded Power Inductors – SSL Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
SRF
(MHz) Typ.
DC Resistance
(Ω) Max
Isat
(A)
Irms
(A)
SSL0802T-100M-N
10
20
35
0.09
2.4
2.0
SSL0802T-150M-N
15
20
33
0.12
2.0
1.5
SSL0802T-220M-N
22
20
25
0.19
1.6
1.3
SSL0802T-330M-N
33
20
19
0.25
1.4
1.1
SSL0802T-470M-N
47
20
14
0.32
1.0
0.8
SSL0802T-680M-N
68
20
12
0.55
0.9
0.7
SSL0802T-101M-N
100
20
10
0.70
0.7
0.6
SSL0802T-151M-N
150
20
8
1.00
0.6
0.5
SSL0802T-221M-N
220
20
6
1.60
0.5
0.4
SSL0802T-331M-N
330
20
5
2.20
0.4
0.3
SSL0802T-471M-N
470
20
4
3.30
0.3
0.2
SSL0802T-681M-N
680
20
3
4.40
0.2
0.1
SSL0802T-102M-N
1000
20
2.5
7.00
0.1
0.05
Inductance tested at 100 KHz, 0.1 Vrms.
Inductance drop = 20% typ. at Isat.
ΔT = 30
rise typ
℃
. at Irms.
Tolerance: M = ±20%
Operating temperature range -40℃~125℃ (Including self - temperature rise )
Test Instruments:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com