Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL0402T-331M-N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSL0402T-331M-N
Description  SMD Unshielded Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL0402T-331M-N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSL0402T-331M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 8Page - List of Unclassifed Manufacturers SSL0402T-331M-N Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SMD Unshielded Power Inductors – SSL Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
SRF
(MHz) Typ
DC Resistance
(Ω) Max
Isat
(A)
Irms
(A)
SSL0402T-1R0M-N
1.0
20
130
0.05
2.90
2.9
SSL0402T-1R5M-N
1.5
20
115
0.05
2.60
2.8
SSL0402T-2R2M-N
2.2
20
90
0.07
2.30
2.4
SSL0402T-3R3M-N
3.3
20
70
0.08
2.00
2.0
SSL0402T-4R7M-N
4.7
20
50
0.09
1.50
1.5
SSL0402T-6R8M-N
6.8
20
45
0.13
1.20
1.4
SSL0402T-100M-N
10
20
35
0.16
1.10
1.1
SSL0402T-150M-N
15
20
30
0.23
0.90
1.2
SSL0402T-220M-N
22
20
20
0.37
0.70
0.8
SSL0402T-330M-N
33
20
15
0.51
0.58
0.6
SSL0402T-470M-N
47
20
14
0.64
0.50
0.5
SSL0402T-680M-N
68
20
11
0.86
0.40
0.4
SSL0402T-101M-N
100
20
9
1.27
0.31
0.3
SSL0402T-151M-N
150
20
6
2.00
0.27
0.25
SSL0402T-221M-N
220
20
5.5
3.11
0.22
0.20
SSL0402T-331M-N
330
20
5
3.80
0.18
0.16
SSL0402T-471M-N
470
20
4
5.06
0.16
0.15
SSL0402T-681M-N
680
20
3
9.20
0.14
0.12
SSL0402T-102M-N
1000
20
2
13.8
0.10
0.07
Inductance tested at 100 KHz, 0.1 Vrms.
Inductance drop = 20% typ. at Isat.
ΔT = 30℃ rise typ at Irms.
Tolerance: M = ±20%
Operating temperature range -40℃~125℃ (Including self - temperature rise )
Test Instruments:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com