Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
27
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
9.6
Read Sector Protection Registers
The Sector Protection Registers can be read to determine the current software protection status of each sector. Reading
the Sector Protection Registers, however, will not determine the status of the WP pin.
To read the Sector Protection Register for a particular sector, the CS pin must first be asserted and then the opcode 3Ch
must be clocked in. Once the opcode has been clocked in, three address bytes designating any address within the sector
must be clocked in. After the last address byte has been clocked in, the device will begin outputting data on the SO pin
during every subsequent clock cycle. The data being output will be a repeating byte of either FFh or 00h to denote the
value of the appropriate Sector Protection Register.
At clock frequencies above fCLK, the first byte of data output will not be valid. Therefore, if operating at clock frequencies
above fCLK, at least two bytes of data must be clocked out from the device in order to determine the correct status of the
appropriate Sector Protection Register.
Table 9-3.
Read Sector Protection Register - Output Data
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS pin can
be deasserted at any time and does not require that a full byte of data be read.
In addition to reading the individual Sector Protection Registers, the Software Protection Status (SWP) bits in the Status
Register can be read to determine if all, some, or none of the sectors are software protected (See “Read Status Register”
on page 35 for more details).
Figure 9-5. Read Sector Protection Register
Output Data
Sector Protection Register Value
00h
Sector Protection Register value is 0 (sector is unprotected).
FFh
Sector Protection Register value is 1 (sector is protected).
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111100
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
AAAA
AAA
AA
MSB
MSB
DDDDDDDD
D
D
Address Bits A23-A0
Data Byte
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com