Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AT25DF641A Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 52Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
49
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
14.4 AC Characteristics - Maximum Clock Frequencies
14.5 AC Characteristics – All Other Parameter
Notes: 1. Not 100% tested (value guaranteed by design and characterization).
2. 15pF load at frequencies above 70MHz, 30pF otherwise.
3. Only applicable as a constraint for the Write Status Register Byte 1 command when SPRL = 1.
Symbol
Parameter
Min
Max
Units
RapidS and SPI Operation
fMAX
Maximum Clock Frequency for All Operations – RapidS Operation Only
(excluding 03h, 0Bh, 3Bh, and 9F opcodes)
100
MHz
fCLK
Maximum Clock Frequency for All Operations (excluding 03h opcode)
85
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode (Read Array – Low Frequency)
40
MHz
fRDDO
Maximum Clock Frequency for 3Bh Opcode (Dual-Output Read)
65
MHz
Symbol
Parameter
Min
Max
Units
tCLKH
Clock High Time
4.3
ns
tCLKL
Clock Low Time
4.3
ns
tCLKR(1)
Clock Rise Time, Peak-to-peak (Slew Rate)
0.1
V/ns
tCLKF(1)
Clock Fall Time, Peak-to-peak (Slew Rate)
0.1
V/ns
tCSH
Chip Select High Time
50
ns
tCSLS
Chip Select Low Setup Time (Relative to Clock)
5
ns
tCSLH
Chip Select Low Hold Time (Relative to Clock)
5
ns
tCSHS
Chip Select High Setup Time (Relative to Clock)
5
ns
tCSHH
Chip Select High Hold Time (Relative to Clock)
5
ns
tDS
Data In Setup Time
2
ns
tDH
Data In Hold Time
1
ns
tDIS(1)
Output Disable Time
5
ns
tV(2)
Output Valid Time
5
ns
tOH
Output Hold Time
2
ns
tHLS
HOLD Low Setup Time (Relative to Clock)
5
ns
tHLH
HOLD Low Hold Time (Relative to Clock)
5
ns
tHHS
HOLD High Setup Time (Relative to Clock)
5
ns
tHHH
HOLD High Hold Time (Relative to Clock)
5
ns
tHLQZ(1)
HOLD Low to Output High-Z
5
ns
tHHQX(1)
HOLD High to Output Low-Z
5
ns
tWPS(1)(3)
Write Protect Setup Time
20
ns
tWPH(1)(3)
Write Protect Hold Time
100
ns
tSECP(1)
Sector Protect Time (From Chip Select High)
20
ns
tSECUP(1)
Sector Unprotect Time (From Chip Select High)
20
ns
tLOCK(1)
Sector Lockdown and Freeze Sector Lockdown State Time (From Chip Select High)
200
μs
tEDPD(1)
Chip Select High to Deep Power-Down
1
μs
tRDPD(1)
Chip Select High to Standby Mode
50
μs
tRST
Reset Time
30
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com