Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF641A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT25DF641A Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF641A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
3
AT25DF641A [DATASHEET]
8793D–DFLASH–5/2013
2.
Pin Descriptions and Pinouts
Table 2-1.
Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
Chip Select: Asserting the CS pin selects the device. When the CS pin is
deasserted, the device will be deselected and normally be placed in standby mode
(not Deep Power-Down mode), and the SO pin will be in a high-impedance state.
When the device is deselected, data will not be accepted on the SI pin.
A high-to-low transition on the CS pin is required to start an operation, and a
low-to-high transition is required to end an operation. When ending an internally
self-timed operation such as a program or erase cycle, the device will not enter the
standby mode until the completion of the operation.
Low
Input
SCK
Serial Clock: This pin is used to provide a clock to the device and is used to control
the flow of data to and from the device. Command, address, and input data present
on the SI pin is always latched in on the rising edge of SCK, while output data on the
SO pin is always clocked out on the falling edge of SCK.
—
Input
SI (SIO)
Serial Input (Serial Input/Output): The SI pin is used to shift data into the device.
The SI pin is used for all data input including command and address sequences.
Data on the SI pin is always latched in on the rising edge of SCK.
With the Dual-Output Read Array command, the SI pin becomes an output pin (SIO)
to allow two bits of data (on the SO and SIO pins) to be clocked out on every falling
edge of SCK. To maintain consistency with SPI nomenclature, the SIO pin will be
referenced as SI throughout the document with exception to sections dealing with
the Dual-Output Read Array command in which it will be referenced as SIO.
Data present on the SI pin will be ignored whenever the device is deselected
(CS is deasserted).
—
Input/Output
SO
(SOI)
Serial Output (Serial Output/Input): The SO pin is used to shift data out from the
device. Data on the SO pin is always clocked out on the falling edge of SCK.
With the Dual-Input Byte/Page Program command, the SO pin becomes an input pin
(SOI) to allow two bits of data (on the SOI and SI pins) to be clocked in on every
rising edge of SCK. To maintain consistency with SPI nomenclature, the SOI pin will
be referenced as SO throughout the document with exception to sections dealing
with the Dual-Input Byte/Page Program command in which it will be referenced as
SOI.
The SO pin will be in a high-impedance state whenever the device is deselected
(CS is deasserted).
—
Output/Input
WP
Write Protect: The WP pin controls the hardware locking feature of the device.
Please refer to “Protection Commands and Features” on page 21 for more details on
protection features and the WP pin.
The WP pin is internally pulled-high and may be left floating if hardware controlled
protection will not be used. However, it is recommended that the WP pin also be
externally connected to VCC whenever possible.
Low
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com