Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822EPD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9822EPD
Description  Octal serial solenoid driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822EPD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9822EPD Datasheet HTML 4Page - STMicroelectronics L9822EPD Datasheet HTML 5Page - STMicroelectronics L9822EPD Datasheet HTML 6Page - STMicroelectronics L9822EPD Datasheet HTML 7Page - STMicroelectronics L9822EPD Datasheet HTML 8Page - STMicroelectronics L9822EPD Datasheet HTML 9Page - STMicroelectronics L9822EPD Datasheet HTML 10Page - STMicroelectronics L9822EPD Datasheet HTML 11Page - STMicroelectronics L9822EPD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specifications
L9822E
8/17
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC logic supply voltage
– 0.7
7
V
VO
Output voltage
– 0.7
40
V
II
Input transient current (CE, SI, SCLK, RESET, SO):
Duration time t = 1 s,
VI < 0
VI > VCC
– 25
+ 25
mA
IOdc
Continuos output current (for each output)
Internally limited
A
Tj, Tstg
Junction and storage temperature range
– 40
150
°C
Table 4.
Thermal data
Symbol
Parameter
Multiwatt15 PowerSO20
Unit
Rth j-case Thermal resistance junction to case
Max.
2
1.5
°C/W
Rth j-amb Thermal resistance junction to ambient
Max.
35
60
°C/W
Table 5.
Electrical characteristics
(VCC = 5 V ± 5 %. Tj = – 40 to 125 °C ; unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOC
Output clamping volt.
IO = 0.5 A, Output programmed OFF
30
40
V
EOC
Output clamping energy
IO = 0.5 A, when ON
20
mJ
IO leak
Output leakage current
VO = 24 V, Output programmed OFF
1
mA
RDSon
ON resistance
Output programmed ON
IO = 0.5 A
IO = 0.8 A
IO = 1 A
With fault reset disabled
0.55
0.55
0.55
1
1
1
IOL
Output self limiting
current
Output programmed ON
1.05
A
tPHL
Turn-on delay
IO = 500 mA no reactive load
10
µs
tP
Turn-off Delay
IO = 500 mA no reactive load
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com