Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822EPD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9822EPD
Description  Octal serial solenoid driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822EPD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9822EPD Datasheet HTML 6Page - STMicroelectronics L9822EPD Datasheet HTML 7Page - STMicroelectronics L9822EPD Datasheet HTML 8Page - STMicroelectronics L9822EPD Datasheet HTML 9Page - STMicroelectronics L9822EPD Datasheet HTML 10Page - STMicroelectronics L9822EPD Datasheet HTML 11Page - STMicroelectronics L9822EPD Datasheet HTML 12Page - STMicroelectronics L9822EPD Datasheet HTML 13Page - STMicroelectronics L9822EPD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Functional description
L9822E
10/17
4
Functional description
The L9822E DMOS output is a low operating power device featuring, eight 1
 R
DSON
DMOS drivers with transient protection circuits in output stages.
Each channel is independently controlled by an output latch and a common RESET line
which disables all eight outputs. The driver has low saturation and short circuit protection
and can drive inductive and resistive loads such as solenoids, lamps and relays.
Data is transmitted to the device serially using the Serial Peripheral Interface (SPI) protocol.
The circuit receives 8 bit serial data by means of the serial input (SI) which is stored in an
internal register to control the output drivers. The serial output (SO) provides 8 bit of
diagnostic data representing the voltage level at the driver output. This allows the
microprocessor to diagnose the condition of the output drivers.
The output saturation voltage is monitored by a comparator for an out of saturation condition
and is able to unlatch the particular driver through the fault reset line. This circuit is also
cascadable with another octal driver in order to jam 8 bit multiple data.
The device is selected when the chip enable (CE) line is low.
Additionally the (SO) is placed in a tri-state mode when the device is deselected. The
negative edge of the (CE) transfers the voltage level of the drivers to the shift register and
the positive edge of the (CE) latches the new data from the shift register to the drivers.
When CE is Low, data bit contained into the shift register is transferred to SO output at every
SCLK positive transition while data bit present at SI input is latched into the shift register on
every SCLK negative transition.
4.1
Internal blocks description
The internal architecture of the device is based on the three internal major blocks:
1.
the octal shift register for talking to the SPI bus,
2.
the octal latch for holding control bits written into the device
3.
the octal load driver array.
4.2
Shift register
The shift register has both serial and parallel inputs and serial and parallel outputs. The
serial input accepts data from the SPI bus and the serial output simultaneously sends data
into the SPI bus. The parallel outputs are latched into the parallel latch inside the L9822E at
the end of a data transfer. The parallel inputs jam diagnostic data into the shift register at the
beginning of a data transfer cycle.
4.3
Parallel latch
The parallel latch holds the input data from the shift register. This data then actuates the
output stages. Individual registers in the latch may be cleared by fault conditions in order to
protect the overloaded output stages. The entire latch may also be cleared by the RESET
signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com