Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9822EPD Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9822EPD
Description  Octal serial solenoid driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822EPD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9822EPD Datasheet HTML 9Page - STMicroelectronics L9822EPD Datasheet HTML 10Page - STMicroelectronics L9822EPD Datasheet HTML 11Page - STMicroelectronics L9822EPD Datasheet HTML 12Page - STMicroelectronics L9822EPD Datasheet HTML 13Page - STMicroelectronics L9822EPD Datasheet HTML 14Page - STMicroelectronics L9822EPD Datasheet HTML 15Page - STMicroelectronics L9822EPD Datasheet HTML 16Page - STMicroelectronics L9822EPD Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
L9822E
Functional description
13/17
Figure 6.
Typical application diagram
LR
MICRO
CONTROLLER
WITH
SPI - bus
VCC
Vbat
CE
00
01
02
03
04
05
06
07
SI
SO
SCLK
RESET
VCC = 5.0 V +/- 5 %
Vbat = 14.0 V +/- 0.5 V
R = 30
Ω +/- 5 %
L = 10mH +/- 10 %
8 loads up to 0.75 A each
GND
L9822E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com