Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012M100W Datasheet(PDF) 16 Page - TDK Electronics

Part # MLZ2012M100W
Description  Inductors for Decoupling Circuits Multilayer Ferrite
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012M100W Datasheet(HTML) 16 Page - TDK Electronics

Back Button MLZ2012M100W Datasheet HTML 12Page - TDK Electronics MLZ2012M100W Datasheet HTML 13Page - TDK Electronics MLZ2012M100W Datasheet HTML 14Page - TDK Electronics MLZ2012M100W Datasheet HTML 15Page - TDK Electronics MLZ2012M100W Datasheet HTML 16Page - TDK Electronics MLZ2012M100W Datasheet HTML 17Page - TDK Electronics MLZ2012M100W Datasheet HTML 18Page - TDK Electronics MLZ2012M100W Datasheet HTML 19Page - TDK Electronics MLZ2012M100W Datasheet HTML 20Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
(16/25)
INDUC
T
O
RS
001-01 / 20130929 / inductor_decoupling_mlz_en.fm
• All specifications are subject to change without notice.
MLZ series 
MLZ2012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value).
Operating temperature environment at this time: 105°C max.
The " □□□ " of the Part Number contains the internal code. (In the case of automotive grade "D25")
○ Measurement equipment
* Equivalent measurement equipment may be used.
Type
L
Thickness T
(mm)
L measuring conditions
DC resistance
(
: )±30%
Rated
current1
(mA)
Rated
current2
(mA)
Part No.
(μH)
Tolerance
Frequency
(MHz)
Current
(mA)
Ultra-large
current
1.0
±20%
1.25
2
0.1
0.10
700
800
MLZ2012M1R0HT
1.5
±20%
1.25
2
0.1
0.14
550
700
MLZ2012M1R5HT
2.2
±20%
1.25
2
0.1
0.16
400
600
MLZ2012M2R2HT
3.3
±20%
1.25
2
0.1
0.20
350
500
MLZ2012M3R3HT
4.7
±20%
1.25
2
0.1
0.34
300
400
MLZ2012M4R7HT
6.8
±20%
1.25
2
0.1
0.40
220
350
MLZ2012M6R8HT
10
±20%
1.25
2
0.1
0.68
200
300
MLZ2012M100HT
High
frequency
0.10
±20%
0.85
25
1.0
0.07
1000
1150
MLZ2012DR10DT
0.22
±20%
0.85
25
1.0
0.13
800
900
MLZ2012DR22DT
0.47
±20%
1.25
25
1.0
0.18
550
700
MLZ2012DR47DT
Large current
1.00
±20%
0.85
10
1.0
0.10
280
900
MLZ2012A1R0WT
1.50
±20%
0.85
10
1.0
0.13
250
750
MLZ2012A1R5WT
2.20
±20%
0.85
10
1.0
0.15
210
650
MLZ2012A2R2WT
3.30
±20%
0.85
10
1.0
0.34
200
450
MLZ2012A3R3WT
4.70
±20%
0.85
2
0.1
0.30
180
500
MLZ2012M4R7WT
6.80
±20%
1.25
2
0.1
0.40
160
400
MLZ2012M6R8WT
10.0
±20%
1.25
2
0.1
0.47
150
350
MLZ2012M100WT
15.0
±20%
1.25
2
0.1
0.95
120
250
MLZ2012M150WT
22.0
±20%
1.25
2
0.1
1.25
100
220
MLZ2012P220WT
22.0
±20%
1.25
2
0.1
2.0
60
220
MLZ2012M220WT
33.0
±20%
1.25
2
0.1
2.60
55
190
MLZ2012M330WT
47.0
±20%
1.25
2
0.1
3.70
50
170
MLZ2012M470WT
Low
resistance
1.00
±20%
0.85
2
0.1
0.06
220
1150
MLZ2012N1R0LT
1.50
±20%
0.85
2
0.1
0.10
190
900
MLZ2012N1R5LT
2.20
±20%
0.85
2
0.1
0.12
170
800
MLZ2012N2R2LT
3.30
±20%
0.85
2
0.1
0.15
130
750
MLZ2012N3R3LT
4.70
±20%
0.85
2
0.1
0.18
130
600
MLZ2012N4R7LT
6.80
±20%
0.85
2
0.1
0.25
110
550
MLZ2012N6R8LT
10.0
±20%
1.25
2
0.1
0.30
110
500
MLZ2012N100LT
15.0
±20%
1.25
2
0.1
0.47
90
350
MLZ2012N150LT
22.0
±20%
1.25
2
0.1
0.67
70
300
MLZ2012N220LT
100.0
±20%
1.25
2
0.1
3.50
30
140
MLZ2012N101LT
Measurement item
Product No.
Manufacturer
L
4294A+16034G
Agilent Technologies
DC resistance
Type-7561
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com