Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012M100W Datasheet(PDF) 11 Page - TDK Electronics

Part # MLZ2012M100W
Description  Inductors for Decoupling Circuits Multilayer Ferrite
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012M100W Datasheet(HTML) 11 Page - TDK Electronics

Back Button MLZ2012M100W Datasheet HTML 7Page - TDK Electronics MLZ2012M100W Datasheet HTML 8Page - TDK Electronics MLZ2012M100W Datasheet HTML 9Page - TDK Electronics MLZ2012M100W Datasheet HTML 10Page - TDK Electronics MLZ2012M100W Datasheet HTML 11Page - TDK Electronics MLZ2012M100W Datasheet HTML 12Page - TDK Electronics MLZ2012M100W Datasheet HTML 13Page - TDK Electronics MLZ2012M100W Datasheet HTML 14Page - TDK Electronics MLZ2012M100W Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
(11/25)
INDUC
T
O
RS
001-01 / 20130929 / inductor_decoupling_mlz_en.fm
• All specifications are subject to change without notice.
MLZ series 
MLZ1608 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
1 Current assumed when inductance ratio has decreased by 50% max..
2 Current assumed when temperature has risen to 20°C max. (reference value).
Operating temperature environment at this time: 105°C max.
The " □□□ " of the Part Number contains the internal code. (In the case of automotive grade "D25")
○ Measurement equipment
* Equivalent measurement equipment may be used.
Type
L
L measuring conditions
DC resistance
(
: )±30%
Rated current1
(mA)
Rated current2
(mA)
Part No.
(μH)
Tolerance
Frequency
(MHz)
Current
(mA)
High
frequency
0.10
±20%
25
1.0
0.14
700
850
MLZ1608DR10DT
0.22
±20%
25
1.0
0.27
550
600
MLZ1608DR22DT
0.47
±20%
25
1.0
0.42
400
500
MLZ1608DR47DT
Large
current
1.00
±20%
10
1.0
0.15
190
600
MLZ1608A1R0WT
2.20
±20%
10
1.0
0.25
130
500
MLZ1608A2R2WT
4.70
±20%
2
0.1
0.50
120
350
MLZ1608M4R7WT
10.0
±20%
2
0.1
1.05
90
250
MLZ1608M100WT
22.0
±20%
2
0.1
2.40
55
150
MLZ1608M220WT
Low
resistance
1.00
±20%
2
0.1
0.11
140
700
MLZ1608N1R0LT
2.20
±20%
2
0.1
0.18
110
500
MLZ1608N2R2LT
4.70
±20%
2
0.1
0.32
80
400
MLZ1608N4R7LT
10.0
±20%
2
0.1
0.60
60
300
MLZ1608N100LT
Measurement item
Product No.
Manufacturer
L
4294A+16034G
Agilent Technologies
DC resistance
Type-7561
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com