Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLZ2012M100W Datasheet(PDF) 3 Page - TDK Electronics

Part # MLZ2012M100W
Description  Inductors for Decoupling Circuits Multilayer Ferrite
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ2012M100W Datasheet(HTML) 3 Page - TDK Electronics

  MLZ2012M100W Datasheet HTML 1Page - TDK Electronics MLZ2012M100W Datasheet HTML 2Page - TDK Electronics MLZ2012M100W Datasheet HTML 3Page - TDK Electronics MLZ2012M100W Datasheet HTML 4Page - TDK Electronics MLZ2012M100W Datasheet HTML 5Page - TDK Electronics MLZ2012M100W Datasheet HTML 6Page - TDK Electronics MLZ2012M100W Datasheet HTML 7Page - TDK Electronics MLZ2012M100W Datasheet HTML 8Page - TDK Electronics MLZ2012M100W Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
(3/25)
INDUC
T
O
RS
001-01 / 20130929 / inductor_decoupling_mlz_en.fm
• All specifications are subject to change without notice.
Inductors for Decoupling Circuits
Multilayer Ferrite
FEATURES
The MLZ Series include inductors for decoupling circuits that have top-class DC superimposition characteristics and low DC resistance.
Sizes range from 1005 to 2012, and they are compatible with wide frequency band noise, from low to high frequency.
H type products have a rated current that is equivalent to that of wound coils.
W type products are the new standard type products that have both large current and low resistance.
L type products have a resistance up to 60% lower than W type products.
APPLICATION
Smart phones, tablet terminals, laptop computers, various modules such as camera modules, DSCs, video games, portable memory
audio devices, navigation systems, PNDs, WLANs, SSDs, automotive equipment (MLZ1608, MLZ2012)
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
AEC-Q200
Overview of the MLZ Series
MLZ
1005
M
R10
W
T
□□□
Series name
L×W×H Dimensions
Product
internal code
Inductance
Characteristic type
Packaging style
Internal code
(mm)
(μH)
1005
1.0×0.5×0.5
A
R10
0.1
H
Ultra-large current type
T
Taping
1608
1.6×0.8×0.8
D
1R0
1
D
High frequency type
2012
2.0×1.25×0.85
M
100
10
W
Large current type
2012
2.0×1.25×1.25
N
L
Low resistance type
P
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
MLZ1005
–55 to +125
–55 to +125
10000
1.2
MLZ1608
–55 to +125
–55 to +125
4000
4
MLZ2012
t=0.85
–55 to +125
–55 to +125
4000
10
t=1.25
2000
14
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com