Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT512 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT512
Description  CCM and Quasi-Resonant Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT512 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT512 Datasheet HTML 1Page - Active-Semi, Inc ACT512 Datasheet HTML 2Page - Active-Semi, Inc ACT512 Datasheet HTML 3Page - Active-Semi, Inc ACT512 Datasheet HTML 4Page - Active-Semi, Inc ACT512 Datasheet HTML 5Page - Active-Semi, Inc ACT512 Datasheet HTML 6Page - Active-Semi, Inc ACT512 Datasheet HTML 7Page - Active-Semi, Inc ACT512 Datasheet HTML 8Page - Active-Semi, Inc ACT512 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ACT512
Rev 4, 13-Feb-14
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActiveQR
TM is a trademark of Active-Semi.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 14V, LM = 0.8mH, RCS = 0.87Ω, VOUT = 12V, NP = 56, NS =9, NA =10, TA = 25°C, unless otherwise specified.)
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods.
PARAMETER
VALUE
UNIT
FB, CS, VDET to GND
-0.3 to + 6
V
VDD, GATE to GND
-0.3 to + 28
V
Maximum Power Dissipation (SOT23-6)
0.45
W
Operating Junction Temperature
-40 to 150
˚C
Junction to Ambient Thermal Resistance (θJA)
220
˚C/W
Storage Temperature
-55 to 150
˚C
Lead Temperature (Soldering, 10 sec)
300
˚C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply
VDD Turn-On Voltage
VDDON
VDD Rising from 0V
11.3
12.3
13.3
V
VDD Turn-Off Voltage
VDDOFF
VDD Falling after Turn-on
6.7
7.4
8.1
V
VDD Over Voltage Protection
VDDOVP
VDD Rising from 0V
25
V
Start Up Supply Current
IDDST
VDD = 10V, before VDD Turn-on
8
15
µA
IDD Supply Current
IDD
VDD = 15V, after VDD Turn-on ,FB
floating
0.6
mA
IDD Supply Current at Standby
IDDSTBY
FB = 1.3V
0.4
mA
IDD Supply Current at Fault
IDDFAULT
Fault mode, FB Floating
250
µA
Feedback
FB Pull up Resistor
RFB
15
kΩ
CS to FB Gain
ACS
3
V/V
VFB at Max Peak Current
3 + VBE
V
FB Threshold to Stop Switching
VFBBM1
1.32
V
FB Threshold to Start Switching
VFBBM2
1.41
V
Output Overload Threshold
4.2
V
OverLoad/Over Voltage Blanking
Time
TOVBLANK
320
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com