Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT512 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT512
Description  CCM and Quasi-Resonant Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT512 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT512 Datasheet HTML 5Page - Active-Semi, Inc ACT512 Datasheet HTML 6Page - Active-Semi, Inc ACT512 Datasheet HTML 7Page - Active-Semi, Inc ACT512 Datasheet HTML 8Page - Active-Semi, Inc ACT512 Datasheet HTML 9Page - Active-Semi, Inc ACT512 Datasheet HTML 10Page - Active-Semi, Inc ACT512 Datasheet HTML 11Page - Active-Semi, Inc ACT512 Datasheet HTML 12Page - Active-Semi, Inc ACT512 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ACT512
Rev 4, 13-Feb-14
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActiveQR
TM is a trademark of Active-Semi.
TYPICAL APPLICATION CONT’D
Determining the value of the current sense resistor
(R7) uses the maximum current in the design. So
the input primary maximum current at maximum
load:
Since the ACT512 internal current limit is set to
0.96V, the design of the current sense resistor is
given by:
The voltage feedback resistors are selected
according to the design. Because the line UVLO is
75VDC, the upper feedback resistor is given by:
The lower feedback resistor is selected as:
When selecting the output capacitor, a low ESR
electrolytic capacitor is recommended to minimize
ripple from the current ripple. The approximate
equation for the output capacitance value is given
by:
Two 680µF electrolytic capacitors are used to
further reduce the output ripple.
PCB Layout Guideline
Good PCB layout is critical to have optimal
performance. Decoupling capacitor (C4) and
feedback resistor (R5/R6) should be placed close to
VDD and FB pin respectively. There are two main
power path loops. One is formed by C1/C2, primary
winding, mosfet transistor and current sense
resistor (R9). The other is secondary winding,
rectifier D8 and output capacitors (C5/C6). Keep
these loop areas as small as possible. Connecting
high current ground returns, the input capacitor
ground lead, and the ACT512 GND pin to a single
point (star ground configuration).
(11)
(12)
Ω
87
.
0
1
.
1
96
.
0
I
V
R
OCP
_
p
CS
CS
=
=
(13)
Ω
k
9
.
54
mA
2
.
0
56
10
60
I
N
N
V
R
UVLO
_
FB
p
A
UVLO
_
INDC
UP
_
FB
×
×
=
×
×
=
(14)
Ω
Ω
k
7
.
11
k
9
.
54
2
.
2
1
.
1
)
45
.
0
12
(
2
.
2
R
V
N
N
)
V
V
(
V
R
UP
_
FB
FB
S
A
D
OUT
LOW
_
FB
FB
×
×
+
=
+
=
-
-
F
533
mV
50
k
75
2
V
f
I
C
RIPPLE
sw
OUT
OUT
μ
=
×
=
×
=
(15)
A
1
.
1
86
.
0
75
8
.
0
12
6
.
2
2
f
L
V
I
2
I
sw
P
OUT
OCP
_
OUT
OCP
_
p
=
×
×
×
×
=
×
×
×
×
=
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com