Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT512 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT512
Description  CCM and Quasi-Resonant Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT512 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT512 Datasheet HTML 1Page - Active-Semi, Inc ACT512 Datasheet HTML 2Page - Active-Semi, Inc ACT512 Datasheet HTML 3Page - Active-Semi, Inc ACT512 Datasheet HTML 4Page - Active-Semi, Inc ACT512 Datasheet HTML 5Page - Active-Semi, Inc ACT512 Datasheet HTML 6Page - Active-Semi, Inc ACT512 Datasheet HTML 7Page - Active-Semi, Inc ACT512 Datasheet HTML 8Page - Active-Semi, Inc ACT512 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActiveQR
TM is a trademark of Active-Semi.
Rev 4, 13-Feb-14
ActiveQR
TM Quasi-Resonant PWM Controller
FEATURES
• CCM and Quasi-Resonant Operation
• Adjustable up to 75kHz Switching Frequency
• OCP/OLP Protection
• Integrated Patented Frequency Foldback
Technique
• Integrated Patented Line Compensation
• Built-in Soft-Start Circuit
• Line Under-Voltage, Thermal, Output Over-
voltage, Output Short Protections
• Current Sense Resistor Short Protection
• Transformer Winding Short Protection
• 100mW Standby Power
• Complies with Global Energy Efficiency and
CEC Average Efficiency Standards
• Tiny SOT23-6 Packages
APPLICATIONS
• AC/DC Adaptors/Chargers for Cell Phones,
Cordless Phone, PDAs, E-books
• Adaptors for Portable Media Player, DSCs,
Set-top boxes, DVD players, records
• Linear Adapter Replacements
GENERAL DESCRIPTION
The ACT512 is a high performance peak current
mode PWM controller. ACT512 applies ActiveQRTM
and frequency foldback technique to reduce EMI
and improve efficiency. ACT512’s maximum design
switching frequency is set at 75kHz. Very low
standby power, good dynamic response and
accurate voltage regulation is achieved with an
opto-coupler and the secondary side control circuit.
The idle mode operation enables low standby
power of 100mW with small output voltage ripple.
By applying frequency foldback and ActiveQRTM
technology, ACT512 increases the average system
efficiency compared to conventional solutions and
exceeds the latest ES2.0 efficiency standard with
good margin.
ACT512 integrates comprehensive protection. In
case of over temperature, over voltage, winding
short, current sense resistor short, open loop and
overload conditions, it would enter into auto restart
mode including Cycle-by-Cycle current limiting.
ACT512 is to achieve no overshoot and very short
rise time even with a big capacitive load with the
built-in fast and soft start process.
In full load condition, ACT512 is able to be
designed to work in both CCM mode and DCM
mode to meet different types of applications. Quasi-
Resonant (QR) operation mode can improve
efficiency during DCM operation, and reduce EMI
and further reduce the components in input filter.
ACT512 is ideal for applications up to 60 Watts.
Figure 1:
Simplified Application Circuit
ACT512


Similar Part No. - ACT512

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACT512 NAIS-ACT512 Datasheet
213Kb / 3P
ULTRA SMALL AUTOMOTIVE RELAY
logo
Active-Semi, Inc
ACT512 ACTIVE-SEMI-ACT512 Datasheet
178Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
ACT512US-T ACTIVE-SEMI-ACT512US-T Datasheet
178Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
ACT512US-T ACTIVE-SEMI-ACT512US-T Datasheet
178Kb / 4P
ActiveQRTM Quasi-Resonant PWM Controller
18-Feb-14
More results

Similar Description - ACT512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA5530 ETC2-FA5530 Datasheet
256Kb / 4P
Quasi-Resonant IC
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
High-Voltage Startup, Quasi-Resonant Operation
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
QUASI RESONANT CONTROLLER
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
Quasi resonant operation
V2.2 2014-07-10
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Monolithic Power System...
EVHFC0100HS-00A MPS-EVHFC0100HS-00A Datasheet
241Kb / 6P
Quasi Resonant Controller
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
Quasi-Resonant Controller
V 2.1 2020-02-03
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com