Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2113 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT2113
Description  18V/3A Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT2113 Datasheet HTML 2Page - Active-Semi, Inc ACT2113 Datasheet HTML 3Page - Active-Semi, Inc ACT2113 Datasheet HTML 4Page - Active-Semi, Inc ACT2113 Datasheet HTML 5Page - Active-Semi, Inc ACT2113 Datasheet HTML 6Page - Active-Semi, Inc ACT2113 Datasheet HTML 7Page - Active-Semi, Inc ACT2113 Datasheet HTML 8Page - Active-Semi, Inc ACT2113 Datasheet HTML 9Page - Active-Semi, Inc ACT2113 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ACT2113
Rev 3, 23-May-12
®
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Secondary Over Current Protection
(SOCP)
In normal operation, ACT2113 high-side FET
current is protected by cycle-by-cycle current limit.
In some fault conditions, the input current may run
away. SOCP current limit is set 30% higher than
cycle-by-cycle current limit, and once SOCP is
triggered, ACT2113 goes into hiccup mode and
reduce the power dissipation significantly.
Enable Pin
The ACT2113 has an enable input EN for turning
the IC on or off. The EN pin contains a precision
2.5V comparator with 75mV hysteresis and a 1.3μA
pull-up current source. The comparator can be used
with a resistor divider from VIN to program a startup
voltage higher than the normal UVLO value. If left
floating, the EN pin will be pulled up to roughly 5V
by the internal 1.3μA current source. It can be
driven from standard logic signals greater than
2.5V, or driven with open-drain logic to provide
digital on/off control.
Thermal Shutdown
The ACT2113 disables switching when its junction
temperature exceeds 160°C and resumes when the
temperature has dropped by 30°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com