Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2113 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT2113
Description  18V/3A Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT2113 Datasheet HTML 5Page - Active-Semi, Inc ACT2113 Datasheet HTML 6Page - Active-Semi, Inc ACT2113 Datasheet HTML 7Page - Active-Semi, Inc ACT2113 Datasheet HTML 8Page - Active-Semi, Inc ACT2113 Datasheet HTML 9Page - Active-Semi, Inc ACT2113 Datasheet HTML 10Page - Active-Semi, Inc ACT2113 Datasheet HTML 11Page - Active-Semi, Inc ACT2113 Datasheet HTML 12Page - Active-Semi, Inc ACT2113 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ACT2113
Rev 3, 23-May-12
®
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
PC Board Layout Guidance
When laying out the printed circuit board, the
following checklist should be used to ensure proper
operation of the IC.
1) Arrange the power components to reduce both
the AC loop and DC loop size. AC loop includes
input cap, VIN pin and VIN ground pin, DC loop
includes SW pin, inductor, output capacitor and
ground pin.
2) Place input decoupling ceramic capacitor CIN as
close to IN pin as possible. CIN is connected
power GND with vias or short and wide path.
3) Return FB, COMP and ISET to signal GND pin,
and connect the signal GND to power GND at a
single point for best noise immunity.
4) Use copper plane for power GND for best heat
dissipation and noise immunity.
5) Place feedback resistor close to FB pin.
6) Use short trace connecting HSB-CHSB-SW loop
Figure 3 shows an example of PCB layout.
Figure 4 and Figure 5 give two typical car charger
application schematics and associated BOM list.
Figure 3: PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com