Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2113 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT2113
Description  18V/3A Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT2113 Datasheet HTML 7Page - Active-Semi, Inc ACT2113 Datasheet HTML 8Page - Active-Semi, Inc ACT2113 Datasheet HTML 9Page - Active-Semi, Inc ACT2113 Datasheet HTML 10Page - Active-Semi, Inc ACT2113 Datasheet HTML 11Page - Active-Semi, Inc ACT2113 Datasheet HTML 12Page - Active-Semi, Inc ACT2113 Datasheet HTML 13Page - Active-Semi, Inc ACT2113 Datasheet HTML 14Page - Active-Semi, Inc ACT2113 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ACT2113
Rev 3, 23-May-12
®
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Figure 5:
Typical Application Circuit for 5V/3A DC-DC Converter
Table 4:
BOM List for 5V/3A DC-DC Converter
ITEM
REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT2113YH, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Ceramic, 10µF/50V, 1210, SMD
Murata, TDK
1
3
C2
Capacitor, Ceramic, 2.2nF/6.3V, 0603, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 10nF/50V, 0603, SMD
Murata, TDK
1
5
C4,C5
Capacitor, Ceramic, 22µF/10V, 1206, SMD
Murata, TDK
2
6
L1
Inductor, 4.7µH, 4A, 20%
Sumida
1
7
D1
Diode, 75V/150mA, LL4148
Good-ARK
1
8
R1
Chip Resistor, 47kΩ, 0603, 1%
Murata, TDK
1
9
R2
Chip Resistor, 10.5kΩ, 0603, 1%
Murata, TDK
1
10
R3
Chip Resistor, 24kΩ, 0603, 5%
Murata, TDK
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com