Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT5880_14 Datasheet HTML 17Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 18Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 19Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 20Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 21Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 22Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 23Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 24Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 21 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DE-
FAULT
and
ACCESS
DESCRIPTION
REG2
0x20
7
x
0
W/R
For internal use only.
6
x
0
W/R
5
VSET[5]
1
W/R
Voltage Setting for the buck regulation part of the REG2, which is
active in normal mode (Refer to byte 0x28 for REG2 output voltage
in sleep mode). Default setting is 1.8V. Refer to the STEP-DOWN
DC/DC AND LDO OUTPUT VOLTAGE SETTING
table for details.
4
VSET[4]
0
W/R
3
VSET[3]
0
W/R
2
VSET[2]
1
W/R
1
VSET[1]
0
W/R
0
VSET[0]
0
W/R
0x22
7
ON
1
W/R
Regulator On/Off Bit. Set bit to 1 to turn on the regulator, set bit to 0
to turn off the regulator.
6
PHASE
1
W/R
Regulator Phase Control. Set bit to 1 for the regulator to operate
180° out of phase with the oscillator, set bit to 0 for the regulator to
operate in phase with the oscillator.
5
MODE
0
W/R
Regulator Mode Select. Set bit to 1 for fixed-frequency PWM mode
under all load conditions, set bit to 0 to allow PFM mode under light
-load conditions.
4
DELAY[2]
0
W/R
Regulator Turn-On Delay Control. DELAY[2:0]=000 for no delay.
Other code to delay relationship: 001 for 2ms, 010 for 4ms, 011 for
8ms, 100 for 16ms, 101 for 32ms, 110 for 64ms and 111 for 128ms.
There is a propagation delay for about 100μs if selecting no delay.
3
DELAY[1]
0
W/R
2
DELAY[0]
0
W/R
1
nFLTMSK
0
W/R
Regulator Fault Interrupt Mask. Set bit to 1 to enable fault-interrupt
when the output is out of regulation, set bit to 0 to disable fault-
interrupt.
0
OK
R
R
Regulator Power-OK Status. Value is 0 when the output is out of
regulation, value is 1 when the output is in regulation.
0x28
7
x
0
W/R
For internal use only.
6
x
0
W/R
5
VSET[5]
1
W/R
Voltage Setting for the linear regulation part of the REG2, which is
active in sleep mode. Default setting is 1.8V. Refer to the STEP-
DOWN DC/DC AND LDO OUTPUT VOLTAGE SETTING
table for
details.
4
VSET[4]
0
W/R
3
VSET[3]
0
W/R
2
VSET[2]
1
W/R
1
VSET[1]
0
W/R
0
VSET[0]
0
W/R
0x29
7
x
1 WE/R
6
x
0 WE/R
5
LOWIQ
1
W/R
LDO Low-IQ Mode Control. Set bit to 1 for low quiescent current
mode, set bit to 0 for normal mode. If it is set to 1, the backup bat-
tery charger stops in the deep sleep mode.
4
x
0
x
Not used.
3
x
0
x
Not used.
2
x
0
x
Not used.
1
nFLTMSK
0
W/R
Regulator Fault Interrupt Mask. Set bit to 1 to enable fault-interrupt
when the output is out of regulation, set bit to 0 to disable fault-
interrupt.
0
OK
0
R
Regulator Power-OK Status. Value is 0 when the output is out of
regulation, value is 1 when the output is in regulation.
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com