Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button ACT5880_14 Datasheet HTML 35Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 36Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 37Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 38Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 39Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 40Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 41Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 42Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 39 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
REGISTER AND BIT DESCRIPTIONS CONT’D
BLOCK
ADDRESS
and BIT
NAME
DEFAULT
and
ACCESS
DESCRIPTION
TSC
ADC
0xE4
7
Z1POS[11]
0
R
Z-coordinate position 1.
[11] is the MSB.
Force drive voltage and full range input is same as internal 2.5V
reference voltage.
6
Z1POS[10]
0
5
Z1POS[9]
0
4
Z1POS[8]
0
3
Z1POS[7]
0
2
Z1POS[6]
0
1
Z1POS[5]
0
0
Z1POS[4]
0
0xE5
7
Z1POS[3]
0
R
Z-coordinate position 1.
[
0] is the MSB.
6
Z1POS[2]
0
5
Z1POS[1]
0
4
Z1POS[0]
0
3
x
x
x
Not used.
Data reading in those bits is not certain.
2
1
0
0xE6
7
Z2POS[11]
0
R
Z-coordinate position 2.
[
11] is the MSB.
Force drive voltage and full range input is same as internal 2.5V
reference voltage.
6
Z2POS[10]
0
5
Z2POS[9]
0
4
Z2POS[8]
0
3
Z2POS[7]
0
2
Z2POS[6]
0
1
Z2POS[5]
0
0
Z2POS[4]
0
0xE7
7
Z2POS[3]
0
R
6
Z2POS[2]
0
5
Z2POS[1]
0
4
Z2POS[0]
0
3
x
x
x
Not used.
Data reading in those bits is not certain.
2
1
0
Z-coordinate position 2.
[
0] is the MSB.
Note:
R: Read accessible, writing to the bit does not make change to the volume. X is uncertain volume.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com