Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5880 Datasheet(PDF) 60 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 60 Page - Active-Semi, Inc

Back Button ACT5880_14 Datasheet HTML 56Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 57Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 58Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 59Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 60Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 61Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 62Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 63Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 64Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 60 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
The ACT5880 is a combinations of many circuit
blocks including step-down DC/DCs, a step-up
DC/DC, LDOs, an RTC, an ADC block with a front
end for both TSC and general purpose analogue
signal acquisition. Each of those blocks has its own
control and configuration register, shares the same
interface block, same house keeping block which
provides common resource to other blocks,
including operation supervising, interrupts, clock
reference and voltage references. Those blocks
make a two layers architecture in system point of
view.
System and Control Information
Figure 1 shows the top level functional block
diagram of the ACT5880. The ACT5880 manages 3
different power inputs and 4 groups of functional
macro-blocks. The ACT5880 can be enabled, when
system control interface and most power regulators
are available for using, only when either the adaptor
power or the main battery is available, or both of
them are available; When there is only the backup
power available, only the always-on regulator keeps
the VALIVE output and RTC running.
Figure 1:
The Top Level Block Diagram of The ACT5880
The backup battery charger, the always-on
regulator and the RTC circuit are not subject to the
enable status of the ACT5880. Whenever there is
any of adaptor power and/or main battery power are
available, the backup battery charger charges or
floating charges the backup battery or the storage
cap, the always-on regulator outputs to the RTC
staff.
Device Power States
The ACT5880 has 2 powered states, which are
enable state and disable state. The ACT5880 could
be turned into enable state only when either or both
the adaptor power and the main battery are
available.
In the enable state, the ACT5880 power rails may
or may not output, dependent on how those
regulators are programmed. There are 5 events or
signals that pull the ACT5880 into the enable state,
which are the nPBIN assertion, the valid adaptor
input voltage, the HFPWR assertion, the PWRHLD
assertion and the RTC alarm wake-up event. The
ACT5880 turns into disable state only when all
those 5 events or signals are de-asserted.
System Control Signals
There are 7 foreign signals and 2 internal signals
for the system control in the ACT5880. Table 1 lists
those signals.
Table 1:
The System Control Signals to The ACT5880
All manipulation and configuration registers are
accessible through the "fast mode" (up to 400kHz)
I2C compatible interface with standard I2C session
frame for read/write to one of single byte addressed
registers. The ACT5880 is a slave device with
device address of [1011010] or 86. In each
read/write session, the device address is sent firstly
with the 8th bit indicating that the session is for read
(1) or for write (0), followed by a register address
byte and the bidirectional transferred data byte,
each aligns MSB first and is followed by an
acknowledge bit.
Among those 9 signals, the ON6, the ON9, the SDA
and SLC of the I2C interface work only when the
ACT5880 is enabled.
APPLICATION INFORMATION
SIGNALS
DESCRIPTIONS
PBIN
Push-Button input assertion.
HFPWR
Hand-free power requested.
PWRHLD
Input for request to hold the power output.
ON6
Dedicated on/off control for OUT6.
ON9
Dedicated on/off control for OUT9.
SDA
SCL
(ACOK)
Internal signal, is true when the CHGIN
input voltage is valid.
(ALARM)
Internal signal, is true when the RTC alarm
happens if the RTC wake-up is set.
I2C compatible serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com