Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJ Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SMCJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMCJ Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SMCJ Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 4Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AMBIENAVERAGE FORWARD CURRENT, (A)
0
100
1
200
25
100
100
30
175
0
0
6.5
0.1
30
70
6.5
10000
0.45
175
0
00
0.2
100
0.5
76
150
1.5
33
223
313
410
Fig. 3 - Steady State Power Derating Curve
Fig. 1 - Pulse Derating Curve
Fig. 2 - Maximum Non-Repetitive
Surge Current
Fig. 4 - Peak Pulse Power Rating Curve
Fig. 5 - Pulse Waveform
TJ = TJ max.
8.3 ms Single Half Sine-Wave
0
40
80
120
160
200
1
10
100
Number of Cycles at 60 Hz
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Ambient Temperature ,Ta (℃)
0.1
1
10
100
0.1
1
10
100
1000
10000
Pulse Width, td
0.1μs
1μs
10μs
100μs
1ms
10ms
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
25
50
75
100
125
150
175
200
Lead Temperature , TL (℃)
0
50
100
01234
Time , (ms)
TJ = 25 °C
Pulse Width (td) is defined as
the point where the peak current
decays to 50 % of IPPM
10/1000 μsec. Waveform
as defined by R.E.A.
Tr=10μs
Peak Value
, (Ipp)
Half Value = Ipp
2
td
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ Series
2
www.paceleader.tw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com