Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJ Datasheet(PDF) 5 Page - PACELEADER INDUSTRIAL

Part # SMCJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMCJ Datasheet(HTML) 5 Page - PACELEADER INDUSTRIAL

  SMCJ Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 4Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Uni-polar
Bi-polar
Uni
Bi
Min (V)
Max (V)
IT (mA)
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
Maximum
Reverse
Leakage
IR(uA)
@VRWM
Working
PeakRevers
e Voltage
VRWM
(Volts)
TECHNOLOGIES
SMCJ SERIES
Breakdown voltage VBR @
IT
Device
Marking
Code
Maximum
Reverse
Surge
Current
Ipp(A)
@10x1000us
sinewave
SMCJ440A
SMCJ440CA GJM BJM
492
543
1
5
440
2.10
713
Note:
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device.
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ Series
www.paceleader.tw
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com