Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJ Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMCJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMCJ Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMCJ Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 3Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 4Page - PACELEADER INDUSTRIAL SMCJ Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
FEATURES
MECHANICAL DATA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SMC/DO-214AB
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.305(7.75)
.320(8.13)
.079(2.00)
.103(2.62)
.030(0.76)
.050(1.27)
.260(6.60)
.280(7.11)
.220(5.59)
.245(6.22)
.108(2.75)
.128(3.25)
www.paceleader.tw
SMCJ Series
PEAK PULSE POWER 1500 WATTS
REVERSE VOLTAGE 6.8 to 520 Volts
1500W peak pulse power capability with a
10/1000
Low leakage
Uni and Bidirectional unit
Glass passivated chip
Very fast response time
Excellent clamping capability
μs waveform, repetitive rate (duty
cycle):0.01%
Case Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026
Polarity Color band denotes cathode end
except Bipolar
Mounting position: Any
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Rating at 25
℃ ambient temperature unless otherwise specif
Note:
Volts
Amps.
6.5
200
PPP
IPP
IFSM
Watts
Value
Minimum 1500
Parameter
Amps.
UNIT
Symbol
(2) VF= 3.5V on SMCJ5.0 thru SMCJ90A devices and VF= 5.0V onSMCJ100 thru SMCJ440A devices.
Operating junction and storage temperature range
°C
Watts
PD
3.5/5.0
VF
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only
(1)
Maximum instantaneous forward voltage at 100 A
for unidirectional only
(2)
Peak power dissipation with a 10/1000μs waveform
Peak pulse current wih a 10/1000μs waveform
(1) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
See Next Table
–55 to +150
Power dissipation on infinite heatsink at TL = 75 °C
TJ, TSTG


Similar Part No. - SMCJ

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMCJ WEITRON-SMCJ Datasheet
190Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ YANGJIE-SMCJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMCJ UNIOHM-SMCJ Datasheet
359Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
1500W Peak Power Surface Mount TVS
More results

Similar Description - SMCJ

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com