Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU2012 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # RU2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RU2012 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button RU2012 Datasheet HTML 4Page - Samsung semiconductor RU2012 Datasheet HTML 5Page - Samsung semiconductor RU2012 Datasheet HTML 6Page - Samsung semiconductor RU2012 Datasheet HTML 7Page - Samsung semiconductor RU2012 Datasheet HTML 8Page - Samsung semiconductor RU2012 Datasheet HTML 9Page - Samsung semiconductor RU2012 Datasheet HTML 10Page - Samsung semiconductor RU2012 Datasheet HTML 11Page - Samsung semiconductor RU2012 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Low Ohms(RUT Series)
14
15
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
RUT1005
RUT1608
RUT2012
RUT3216
RUT3225
RUT5025
RUT6432
Type
Inch
1.00±0.05
1.60±0.10
2.00±0.15
3.20±0.15
3.20±0.20
5.00±0.20
6.30±0.20
LW
H
I1
I2
Average
Weight
(UNIT: mm)
R100
RUT: Current
Sensing Resistor
Top Mounting
(Face-up)
Code Designation
RUT
2012
J
Dimension & Size Code
Tolerance
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
F: ±1%
G: ±2%
J: ±5%
4-digit coding system
CS
Resistance Value
Packaging Code
CS: Tape & Reel 7"
ES : Tape & Reel 10"
AS: Tape & Reel 13"
0402
0603
0805
1206
1210
2010
2512
0.50±0.05
0.80±0.10
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
0.6
㎎
2.1
㎎
4.9
㎎
9.5
㎎
16
㎎
26
㎎
41
㎎
•Under 1 ohms, precision resistance.
•Both flow and reflow soldering are applicable.
•High Power with Low TCR.
•100% Lead Free Products (PbO not used).
•RoHS Complaint.
•Current Sensing.
•PCM of Battery Pack.
•Power supplying part, DC power charger, adapter.
•Mobile Phone, HDD, DSC, LCD.
Feature
Application
Structure and Dimensions
•The part number system shall be in the following format
Parts Numbering System
-55~+155
℃
70
℃
0.1~0.98
Type
Power
Rating
(W)
Working
Current
(A, MAX)
TCR (ppm/℃)
Resistance Range (Ω)
Rated
Ambient
Temperature
Rated
Working
Temperature
The rated power is the maximum continuous loading
power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power
follows the below power derating curve.
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
•Rated Current (A) =
Rated Current should be lower than (MAX) working Current.
√Rated power(W)/Nominal resistance value (Ω)
- R means decimal point.
- Other digits represent
the significant value.
- Example : R100
R100 = .100 = 0.100
Ω
=0.1
Ω or 100 mΩ
4 digits indication
R
R1
10
00
0
RUT1005
RUT1608
RUT2012
RUT3216
RUT3225
RUT5025
RUT6432
±150
Specification
Resistance Value Table
Power Derating Curve
Marking
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
W
l1
H
L
I2
<Top View>
<Side View>
R
R1
10
00
0
1/10
(0.1)
1/8
(0.125)
1/4
(0.25)
1/3
(0.33)
1/2
(0.50)
2/3
(0.66)
1
(1.0)
Code
Tol
(%)
Value
(Ω)
R100
R102
R105
R107
R110
R113
R115
R118
R120
R121
R124
R127
R130
R133
R137
R140
R143
R147
R150
0.1
0.102
0.105
0.107
0.11
0.113
0.115
0.118
0.12
0.121
0.124
0.127
0.13
0.133
0.137
0.14
0.143
0.147
0.15
±1, ±5
±1
±1
±1
±1, ±5
±1
±1
±1
±1, ±5
±1
±1
±1
±1, ±5
±1
±1
±1
±1
±1
±1, ±5
Code
Tol
(%)
Value
(Ω)
R154
R158
R160
R162
R165
R169
R174
R178
R180
R182
R187
R191
R196
R200
R205
R210
R215
R220
R221
0.154
0.158
0.16
0.162
0.165
0.169
0.174
0.178
0.180
0.182
0.187
0.191
0.196
0.200
0.205
0.21
0.215
0.22
0.221
±1
±1
±1, ±5
±1
±1
±1
±1
±1
±1, ±5
±1
±1
±1
±1
±1, ±5
±1
±1
±1
±1, ±5
±1
Code
Tol
(%)
Value
(Ω)
R226
R232
R237
R240
R243
R249
R255
R261
R267
R270
R274
R280
R287
R294
R300
R301
R309
R316
R324
0.226
0.232
0.237
0.24
0.243
0.249
0.255
0.261
0.267
0.27
0.274
0.28
0.287
0.294
0.3
0.301
0.309
0.316
0.324
±1
±1
±1
±1, ±5
±1
±1
±1
±1
±1
±1, ±5
±1
±1
±1
±1
±1, ±5
±1
±1
±1
±1
Code
Tol
(%)
Value
(Ω)
R330
R332
R340
R348
R357
R360
R365
R374
R383
R390
R392
R402
R412
R422
R430
R432
R442
R453
R464
0.33
0.332
0.34
0.348
0.357
0.36
0.365
0.374
0.383
0.39
0.392
0.402
0.412
0.422
0.43
0.432
0.442
0.453
0.464
±1, ±5
±1
±1
±1
±1
±1, ±5
±1
±1
±1
±1, ±5
±1
±1
±1
±1
±1, ±5
±1
±1
±1
±1
Code
Tol
(%)
Value
(Ω)
R470
R475
R487
R499
R510
R511
R523
R536
R549
R560
R562
R576
R590
R604
R619
R620
R634
R649
R665
0.47
0.475
0.487
0.499
0.51
0.511
0.523
0.536
0.549
0.56
0.562
0.576
0.59
0.604
0.619
0.62
0.634
0.649
0.665
±1, ±5
±1
±1
±1
±1, ±5
±1
±1
±1
±1
±1, ±5
±1
±1
±1
±1
±1
±1, ±5
±1
±1
±1
Code
Tol
(%)
Value
(Ω)
R680
R681
R698
R715
R732
R750
R768
R787
R806
R820
R825
R845
R866
R887
R909
R910
R931
R953
R976
0.68
0.681
0.698
0.715
0.732
0.75
0.768
0.787
0.806
0.82
0.825
0.845
0.866
0.887
0.909
0.91
0.931
0.953
0.976
±1, ±5
±1
±1
±1
±1
±1, ±5
±1
±1
±1
±1, ±5
±1
±1
±1
±1
±1
±1, ±5
±1
±1
±1
(P
/R)
√
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com