Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU2012 Datasheet(PDF) 18 Page - Samsung semiconductor

Part # RU2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RU2012 Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button RU2012 Datasheet HTML 12Page - Samsung semiconductor RU2012 Datasheet HTML 13Page - Samsung semiconductor RU2012 Datasheet HTML 14Page - Samsung semiconductor RU2012 Datasheet HTML 15Page - Samsung semiconductor RU2012 Datasheet HTML 16Page - Samsung semiconductor RU2012 Datasheet HTML 17Page - Samsung semiconductor RU2012 Datasheet HTML 18Page - Samsung semiconductor RU2012 Datasheet HTML 19Page - Samsung semiconductor RU2012 Datasheet HTML 20Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
34
35
Packaging
7
”
13
”
13
”
7
”
7
”
10
”
13
”
7
”
10
”
13
”
7
”
10
”
13
”
7
”
10
”
13
”
7
”
10
”
13
”
7
”
7
”
13
”
7
”
7
”
7
”
13
”
7
”
13
”
7
”
13
”
7
”
13
”
CS
DP
AS
FP
CS
DS
ES
AS
CS
ES
AS
CS
ES
AS
CS
ES
AS
CS
ES
AS
CS
CS
AS
CS
CS
CS
AS
CS
AS
CS
AS
CS
AS
15,000
126
143
7
”
TYPE
(mm)
TYPE
(inch)
Taping Packaging
Code
Reels
Carrier Tape
Quantity
Weight(g)
154
573
474
92
152
331
539
125
324
561
149
360
658
157
382
695
183
463
674
202
267
1,041
126
126
100
485
136
610
157
695
100
485
Pressed Paper
Pressed Paper
Punched PE
Pressed Paper
Punched PE
Punched paper
Embossed PE
Punched paper
Punched paper
(UNIT: mm)
0402
0603
1005
RF062P
RF064P
RP102
RP10AT
RN102
RP104
RN104
A
0.24±0.03
0.38±0.05
0.70±0.10
0.70±0.10
0.70±0.10
1.17±0.10
1.20±0.10
1.20±0.10
1.20±0.10
1.20±0.10
BT
0.45±0.03
0.68±0.05
1.20±0.10
0.90±0.10
1.60±0.10
1.17±0.10
1.20±0.10
1.20±0.10
2.20±0.10
2.20±0.10
0.5 Max
0.5 Max
0.6 Max
0.35 Max
0.35 Max
0.6 Max
0.6 Max
0.6 Max
0.6 Max
0.8 Max
Punched
Paper
Press
Pocket
or
Punched
Paper
Embossed
Tape
2mm
8mm
4mm
12mm
Type
Pitch Width
Dimensions
-0603: Press pocket.
•Reel dimensions
•Tape dimensions
1608
2012
3216
3225
RP164
A
1.10±0.20
1.65±0.20
2.00±0.20
2.90±0.20
2.00±0.20
BT
1.90±0.20
2.40±0.20
3.60±0.20
3.60±0.20
3.60±0.20
0.8 Max
1.1 Max
5025
6432
A
2.80±0.20
3.50±0.20
BT
5.30±0.20
6.75±0.20
1.1 Max
4.0
±0.1
1.75
±0.1
3.5
±0.05
8.0
±0.1
2.0
±0.05
A
B
1.0
T
1.5 +0.1
- 0
4.0
±0.1
2
±0.05
4
4
A
B
T
1.75
±0.1
3.5
±0.05
8.0
±0.1
2.0
±0.05
4.0
±0.1
A
B
1.0
T
1.5 +0.1
- 0
Φ1.5
Φ1.5 +0.1
- 0
20,000
60,000
50,000
10,000
20,000
30,000
40,000
5,000
10,000
20,000
5,000
10,000
20,000
5,000
10,000
20,000
5,000
10,000
20,000
4,000
4,000
15,000
20,000
20,000
10,000
40,000
10,000
40,000
5,000
20,000
10,000
40,000
Taping Type
Packaging Table
0402
01005
CS
7
”
20,000
•General type, Precision, Low ohms, High ohms.
•Packaging style can be modified when you want.
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
E
C
C B
A
D
W
t
Unit: mm
Tape Width
A
B
C
D
Symbol
7" Reel
10" Reel
13" Reel
8mm
12mm
8mm
12mm
8mm
12mm
Ø180+0/-3
Ø180+0/-3
Ø258+0/-3
Ø258+0/-3
Ø330±2.0
Ø330±2.0
Ø60±1.0
Ø60±1.0
Ø80±1.0
Ø80±1.0
Ø100±1.0
Ø80±1.0
Ø13±0.3
Ø13±0.3
Ø13±0.3
Ø13±0.3
Ø13±0.3
Ø13±0.3
4
±0.2
4
±0.2
4
±0.2
4
±0.2
4
±0.2
4
±0.2
Tape Width
E
W
t
Symbol
7" Reel
10" Reel
13" Reel
8mm
12mm
8mm
12mm
8mm
12mm
2.0
±0.5
2.0
±0.5
2.0
±0.5
2.0
±0.5
2.0
±0.5
2.0
±0.5
9
±0.5
13
±0.5
9
±0.5
13
±0.5
9
±0.5
13
±0.5
1.2
±0.2
1.2
±0.2
1.8
±0.2
1.8
±0.2
2.2
±0.2
2.2
±0.2
0603
1005
1608
2012
3216
3225
5025
6432
062P
064P
102P
104P
164P
10AT
(1010)
0201
0402
0603
0805
1206
1210
2010
2512
0201×2R
0201×4R
0402×2R
0402×4R
0603×4R
0404
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com