Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU2012 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # RU2012
Description  Passive components sales offices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RU2012 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button RU2012 Datasheet HTML 6Page - Samsung semiconductor RU2012 Datasheet HTML 7Page - Samsung semiconductor RU2012 Datasheet HTML 8Page - Samsung semiconductor RU2012 Datasheet HTML 9Page - Samsung semiconductor RU2012 Datasheet HTML 10Page - Samsung semiconductor RU2012 Datasheet HTML 11Page - Samsung semiconductor RU2012 Datasheet HTML 12Page - Samsung semiconductor RU2012 Datasheet HTML 13Page - Samsung semiconductor RU2012 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Resistance Value Table
Code
Tol
(%)
Value
(Ω)
R010
R011
R012
R013
R015
R016
R018
0.01
0.011
0.012
0.013
0.015
0.016
0.018
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
(Ω)
R020
R022
R024
R027
R030
R033
R036
0.02
0.022
0.024
0.027
0.03
0.033
0.036
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
(Ω)
R039
R040
R043
R047
R050
R051
R056
0.039
0.04
0.043
0.047
0.05
0.051
0.056
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
Code
Tol
(%)
Value
(Ω)
R060
R062
R068
R075
R082
R091
R100
0.06
0.062
0.068
0.075
0.082
0.091
0.1
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
±1, ±5
•Rated Current (A) =
Rated Power(W) / Nominal Resistance Value(
Ω)
Please contact our sales representatives or product engineers for lower T.C.R or higher rated power products.
√
18
19
•Thick Film Type Ultra Low Ohm Resistor.
•High Precision Reliability.
•High Power with Very Low TCR.
•100% Lead Free Products (PbO not used).
•RoHS Compliant.
Feature
Ultra Low Ohms(RUK Series)
0.35±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.80±0.20
1.0±0.20
RUK1608
RUK2012
RUK3216
RUK3225
RUK5025
RUK6432
Type
Inch
1.60±0.10
2.00±0.15
3.20±0.15
3.20±0.20
5.00±0.20
6.30±0.20
LW
H
I1
I2
Average
Weight
(UNIT: mm)
R010
RUK : Current
Sensing Resistor
Low TCR
Code Designation
R U K
1608
F
Dimension & Size Code
Tolerance
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
F: ±1%
G: ±2%
J: ±5%
4-digits coding system
CS
Resistance Value
Packaging Code
CS: Tape & Reel 7"
ES : Tape & Reel 10"
AS: Tape & Reel 13"
CS
Packaging Code
0603
0805
1206
1210
2010
2512
0.80±0.10
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
0.45±0.10
0.55±0.10
0.65+0.10
0.60+0.10
0.65+0.10
0.65+0.10
0.50±0.20
0.55±0.20
0.90±0.20
0.90±0.20
1.10±0.20
1.90±0.20
2.2
㎎
4.7
㎎
9.4
㎎
9.5
㎎
27
㎎
42
㎎
•Current Sensing.
•PCM of Battery Pack.
•Power supplying part, DC power charger, adapter.
•Mobile Phone, Mobile PC, Note PC, HDD, DSC, LCD.
Application
Structure and Dimensions
•The part number system shall be in the following format
Parts Numbering System
-55
℃~+155℃
70
℃
Type
Power
Rating
(W)
Rated
Current
(A)
Resistance
Range (Ω)
T.C.R
(ppm/℃)
Rated
Ambient
Temperature
Rated
Working
Temperature
The rated power is the maximum continuous loading
power at 70℃ ambient temperature.
For ambient temperature above 70℃, the loading power
follows the below power derating curve.
- R means decimal point.
- Other digits represent
significant value.
- Example : R010
R010 = .010 = 0.010
Ω
= 0.01
Ω or 10 mΩ
4-digits coding system
R
R0
01
10
0
RUK1608
RUK2012
RUK3216
RUK3225
RUK5025
RUK6432
1/2
(0.5)
1/2
(0.50)
1
(1.0)
1
(1.0)
1
(1.0)
1
(1.0)
Specification
Power Derating Curve
Marking
The specifications and designs contained herein may be subject to change without notice.
Please contact our sales representatives or product engineers before order.
W
H
L
I2
<Top View>
<Side View>
R
R0
01
10
0
<Bottom View>
10m~30m
100
80
60
40
20
0
Operation area
-55
-30
0
30
60
90
120
150
Ambient Temperature(
℃)
70
155
(P
/R)
√
±100
I1
Operation
Notes
Example of land
Pattern Design
Recommended
Soldering Conditions
General Structure
General
Precision
Jumper
Low ohms
(RUT Series)
Ultra Low ohms
(RU Series)
Ultra Low Ohms
(RUK Series)
Ultra Low Ohms
(RJ Series)
Arrays
(CONVEX Type)
Arrays
(CONCAVE Type)
Arrays
(FLAT Type)
Anti-Sulfur
Resistors
Attenuator
Characteristics
Performance
Packaging
Standard
Resistance Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com