Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # BAS70WS
Description  SURFACE MOUNT BARRIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAS70WS Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  BAS70WS Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAS70WS Datasheet HTML 2Page - PACELEADER INDUSTRIAL BAS70WS Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAXIMUM RATIXGS
SURF ACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURF ACE MOUNT SCHOTTKY BARRIER RECTIFIER
www.paceleader.tw
2
(TA=25˚C Unless otherwise noted)
Characteristic
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Symbol
VRRM
VRWM
VR
IFSM
PD
TJ
TSTG
Value
Unit
V
mA
mW
Storage temperature Range
Junction temperature Range
-55 to +150
°C
°C
200
150
70
Forward Continuous Current
Peak forward surge current @<1.0s
IF
mA
70
100
Power Dissipation
RθJA
K/W
625
Thermal Resistance Junction to Ambient
(TA=25˚C Unless otherwise noted)
BAS70WS
SCHOTTKY DIODE
70 mAMPERES 70 VOLTS
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Unit
Forward Voltage
IF=1.0mA
IF=15mA
VF
V
CT
2
pF
IR
100
nA
-
-
-
-
-
-
-
-
Min
Typ
Max
0.41
1.0
Reverse Recovery Time
IF=IR=10mA, Irr=0.1 x IR, RL=100Ω
trr
5
ns
-
-
Reverse Current
VR=50V
Total Capacitance
VR=0V, f=1.0MHz
Item
Marking
Eqivalent Circuit diagram
BAS70WS
K73
2
1
DEVICE MARKING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com