Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # BAS70WS
Description  SURFACE MOUNT BARRIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAS70WS Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  BAS70WS Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAS70WS Datasheet HTML 2Page - PACELEADER INDUSTRIAL BAS70WS Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristic curves(Ta=25°C)
Fig.1 Forward current as a function of forward
voltage; typical values.
10
0
0.2
0.4
0.6
0.8
1
1
I F
(mA)
V (V)
F
100
0.1
0.01
10
100
0.1
0.01
0.001
Fig.2 Reverse current as a function of reverse
voltage; typical values.
1
0
20
40
60
80
V (V)
R
IR
(µA)
TA= 125°C
TA= 85°C
TA= -40°C
TA= 25°C
TA= 125°C
TA= 85°C
TA= 25°C
f=10kHz.
Fig.3 Differential forward resistance as a function
10
1
1
10
rdiff
IF (mA)
0.1
100
Fig.4 Diode capacitance as a function of reverse
0
0.5
1
1.5
2
0
20
40
60
80
Cd
(pF)
V (V)
R
100
1000
TA= 25°C
f=1MHz,
SURF ACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURF ACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAS70WS
www.paceleader.tw
3
SCHOTTKY DIODE
70 mAMPERES 70 VOLTS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com