Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70WS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # BAS70WS
Description  SURFACE MOUNT BARRIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAS70WS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  BAS70WS Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAS70WS Datasheet HTML 2Page - PACELEADER INDUSTRIAL BAS70WS Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
MECHANICAL DATA
SURF ACE MOUNT SCHOTTKY BARRIER RECTIFIER
SURF ACE MOUNT SCHOTTKY BARRIER RECTIFIER
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R
www.paceleader.tw
SCHOTTKY DIODE
BAS70WS
70 mAMPERES 70 VOLTS
* LOW Turn-on Voltage
* Fast Switching
* PN Junction Guard for Transient and ESD Protection
* Designed for Surface Mount Application
* Case: SOD-323,
* Plastic Material –UL Recognition Flammability Classification 94V-O
* Leads: Solderable per MIL-STD-202, Method 208
* Polarity: Cathode Band
* Weight: 0.004 grams(approx.)


Similar Part No. - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS70WS JIANGSU-BAS70WS Datasheet
297Kb / 3P
SCHOTTKY DIODE
logo
Weitron Technology
BAS70WS WEITRON-BAS70WS Datasheet
202Kb / 3P
Surface Mount Schottky Barrier Diode
logo
Won-Top Electronics
BAS70WS WTE-BAS70WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAS70WS BILIN-BAS70WS Datasheet
167Kb / 2P
Schottky barrier diodes
More results

Similar Description - BAS70WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54_07 Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54W PANJIT-BAT54W_04 Datasheet
36Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER
MMBD495A PANJIT-MMBD495A Datasheet
98Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
SD103AW PANJIT-SD103AW_04 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS_04 Datasheet
152Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
SS0520FL PANJIT-SS0520FL Datasheet
116Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
SHENZHEN YONGERJIA INDU...
SS52 WINNERJOIN-SS52 Datasheet
184Kb / 5P
Surface Mount Schottky Barrier
logo
Taiwan Semiconductor Co...
SS22M TSC-SS22M_14 Datasheet
245Kb / 4P
Surface Mount Schottky Barrier
TSS40U TSC-TSS40U_14 Datasheet
180Kb / 4P
Surface Mount Schottky Barrier
TSS54U TSC-TSS54U_14 Datasheet
181Kb / 4P
Surface Mount Schottky Barrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com