Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBL4148H Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # MMBL4148H
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMBL4148H Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  MMBL4148H Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMBL4148H Datasheet HTML 2Page - PACELEADER INDUSTRIAL MMBL4148H Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Off Characteristics
Characterictics
Symbol
Max
Unit
Min
Reverse Breakdown Votalge
(IR=100µAdc)
Forward Voltage(IF=10mAdc)
Reverse Voltage
Leakage Current
(VR=20Vdc)
Revarse Recover Time
(IF=IR=10mAdc)
V(BR)
VF
IR
Diode Capacitance
(VR=0 , f=1.0MHz)
CT
trr
100
1000
4.0
4.0
Vcc
mV dc
µAdc
pF
ns
1. FR-5=1.0x0.75x0.062 in
2.Alumina=0.4x0.3x0.024 in. 99.5% alumina.
Item
Marking
Eqivalent Circuitdiagram
MMBL4148H
5D
2
1
SWITCHING DIODES 100m AMPERES 100 VOLTS
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DEVICE MARKING
DEVICE MARKING
2
www.paceleader.tw
(VR=75Vdc)
5.0
0. 025
MMBL4148H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com