Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBL4148H Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MMBL4148H
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMBL4148H Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MMBL4148H Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMBL4148H Datasheet HTML 2Page - PACELEADER INDUSTRIAL MMBL4148H Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
www.paceleader.tw
MAXIMUM RATING
High Speed
4ns
Low Reverse Leakage Current .
Small Outline Surface Mount SOD-323 Package
SWITCHING DIODES 100m AMPERES 100 VOLTS
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
4
Rating
Symbol
Value
Unit
Reverse Voltage
Forward Current
Peak Forward Surge Current
VR
IF
IFM(Surge)
100
200
500
Vdc
mAdc
mAdc
Characterictics
Symbol
Max
Unit
Total Device Dissipation FR-5
Board TA=25 C
Thermal Resistance, Junction
to Ambient
Junction and Storage
Temperature
PD
R JA
TJ, Tstg
500
556
-55 to + 150
mW
C/W
C
q
THERMAL CHARACTERISTICS
THERMAL CHARACTERISTICS
SOD-323
.045(1.15)
.053(1.35)
.0035(0.089)
.015(0.377)
.00(0.00)
.004(0.10)
.031(0.80)
.039(1.00)
.009(0.25)
.016(0.40)
.063(1.60)
.071(1.80)
.091(2.30)
1.63(2.70)
1
2
0.15R
MMBL4148H


Similar Part No. - MMBL4148H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MMBL4148H ETC-MMBL4148H Datasheet
213Kb / 3P
Surface Mount Switching Diode
logo
Weitron Technology
MMBL4148H WEITRON-MMBL4148H Datasheet
111Kb / 3P
Surface Mount Switching Diode
More results

Similar Description - MMBL4148H

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
SURFACE MOUNT SWITCHING DIODES
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAV16W PANJIT-BAV16W_09 Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56 PANJIT-BAW56_10 Datasheet
108Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56TB PANJIT-BAW56TB Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAW56W PANJIT-BAW56W_09 Datasheet
99Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
Surface Mount Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com