Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBL4148H Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # MMBL4148H
Description  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMBL4148H Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  MMBL4148H Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMBL4148H Datasheet HTML 2Page - PACELEADER INDUSTRIAL MMBL4148H Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
+10V
820Ω
Ω
Ω
Ω
2.0K
100 µH
0.1uF
50
OUT P UT
P ULS E
G E NE R AT OR
50
INP UT
S AMP LING
OS C ILLOS C OP E
IF
D.U.T.
0.1µF
V R
INP UT S IG NAL
tr
tp
10%
90%
t
IF
IR
trr
t
IR (R E C )=1.0mA
OUT P UT P ULS E
(IF=IR =10mA, ME AS UR E D
AT IR (R E C )=1.0mA
Notes:1. A 2.0 k
variable resistor for a F orward C urrent (IF ) 0f 10 mA
2. Input pules is adjusted so IR (peak) is equal to 10 mA
3. tp trr
F igure 1. R ecovery T ime E quivalent T es t C ircuit
V R , R E VE R S E VOLTAGE (VOLTS )
F igure 4. C apacitance
0
2
4
6
8
0.68
0.64
0.60
0.56
0.52
T A=85 C
T A=-40 C
T A=25 C
0.2
0.4
0.6
0.8
1.0
1.2
V F, FOR WAR D VOLTAGE (VOLTS )
F igure 2. F orward V oltage
100
10
1.0
0.1
T A=125 C
T A=85 C
T A=55 C
T A=25 C
T A=150 C
0
10
20
30
40
50
V R , R E VE R S E VOLTAGE (VOLTS )
F igure 3. L eakage C urrent
0.001
0.01
0.1
1.0
10
»
SWITCHING DIODES 100m AMPERES 100 VOLTS
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
MMBL4148H
www.paceleader.tw
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com