Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDL03W Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PDL03W
Description  3 WATTS DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL03W Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PDL03W Datasheet HTML 1Page - RSG Electronic Components GmbH PDL03W Datasheet HTML 2Page - RSG Electronic Components GmbH PDL03W Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/5/3
PDL03W SERIES
3 WATTS
DC-DC CONVERTER
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
PDL03-12S3P3W
4.5 ~ 18 VDC
3.3 VDC
0mA
700mA
30 mVp-p
35 mA
74
3300uF
PDL03-12S05W
4.5 ~ 18 VDC
5 VDC
0mA
600mA
30 mVp-p
40 mA
78
1680uF
PDL03-12S09W
4.5 ~ 18 VDC
9 VDC
0mA
333mA
30 mVp-p
40 mA
79
1000uF
PDL03-12S12W
4.5 ~ 18 VDC
12 VDC
0mA
250mA
30 mVp-p
40 mA
80
820uF
PDL03-12S15W
4.5 ~ 18 VDC
15 VDC
0mA
200mA
30 mVp-p
40 mA
80
680uF
PDL03-12D05W
4.5 ~ 18 VDC
±5 VDC
0mA
±300mA
30 mVp-p
40 mA
80
±1000uF
PDL03-12D12W
4.5 ~ 18 VDC
±12 VDC
0mA
±125mA
30 mVp-p
40 mA
80
±470uF
PDL03-12D15W
4.5 ~ 18 VDC
±15 VDC
0mA
±100mA
30 mVp-p
40 mA
80
±330uF
PDL03-24S3P3W
9 ~ 36 VDC
3.3 VDC
0mA
700mA
30 mVp-p
20mA
75
3300uF
PDL03-24S05W
9 ~ 36 VDC
5 VDC
0mA
600mA
30 mVp-p
20mA
80
1680uF
PDL03-24S09W
9 ~ 36 VDC
9 VDC
0mA
333mA
30 mVp-p
19mA
80
1000uF
PDL03-24S12W
9 ~ 36 VDC
12 VDC
0mA
250mA
30 mVp-p
20mA
82
820uF
PDL03-24S15W
9 ~ 36 VDC
15 VDC
0mA
200mA
30 mVp-p
19mA
82
680uF
PDL03-24D05W
9 ~ 36 VDC
±5 VDC
0mA
±300mA
30 mVp-p
25mA
79
±1000uF
PDL03-24D12W
9 ~ 36 VDC
±12 VDC
0mA
±125mA
30 mVp-p
25mA
81
±470uF
PDL03-24D15W
9 ~ 36 VDC
±15 VDC
0mA
±100mA
30 mVp-p
25mA
81
±330uF
PDL03-48S3P3W
18 ~ 75 VDC
3.3 VDC
0mA
700mA
30 mVp-p
12mA
74
3300uF
PDL03-48S05W
18 ~ 75 VDC
5 VDC
0mA
600mA
30 mVp-p
12mA
80
1680uF
PDL03-48S09W
18 ~ 75 VDC
9 VDC
0mA
333mA
30 mVp-p
13mA
80
1000uF
PDL03-48S12W
18 ~ 75 VDC
12 VDC
0mA
250mA
30 mVp-p
14mA
81
820uF
PDL03-48S15W
18 ~ 75 VDC
15 VDC
0mA
200mA
30 mVp-p
14mA
81
680uF
PDL03-48D05W
18 ~ 75 VDC
±5 VDC
0mA
±300mA
30 mVp-p
14mA
79
±1000uF
PDL03-48D12W
18 ~ 75 VDC
±12 VDC
0mA
±125mA
30 mVp-p
14mA
81
±470uF
PDL03-48D15W
18 ~ 75 VDC
±15 VDC
0mA
±100mA
30 mVp-p
14mA
81
±330uF
PDL03-24S05W Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE(
℃)
71
PDL03-24S05W
Efficiency VS Input Voltage
60%
65%
70%
75%
80%
85%
9
12
15
18
21
24
27
30
33
36
INPUT VOLTAGE (V)
PDL03-24S05W
Efficiency VS Output Load
40
45
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment)
2. Typical value at nominal input and full load. (20MHz BW.)
3. Typical value at nominal input and no load.
4. Typical value at nominal input and full load.
5. Test by minimum input and constant resistive load.
6. The PDL03W series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
7. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 100µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com