Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDL03W Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # PDL03W
Description  3 WATTS DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL03W Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  PDL03W Datasheet HTML 1Page - RSG Electronic Components GmbH PDL03W Datasheet HTML 2Page - RSG Electronic Components GmbH PDL03W Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.pduke.com
2013/5/3
PDL03W SERIES
3 WATTS
DC-DC CONVERTER
MECHANICAL DRAWING
:
:
:
:
PIN CONNECTION
PIN
SINGLE
DUAL
1
-INPUT
-INPUT
2
+INPUT
+INPUT
3
CTRL
CTRL
5
NC*/No Pin**
NC*/No Pin**
6
+OUTPUT
+OUTPUT
7
-OUTPUT
COMMON
8
NC
-OUTPUT
*NC pin for standard.
**No pin for 3kV isolation. (P/N suffix ”H”)
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01 (0.25)
3. Pin dimension tolerance ±0.004 (0.1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com