Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDL03W Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PDL03W
Description  3 WATTS DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL03W Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PDL03W Datasheet HTML 1Page - RSG Electronic Components GmbH PDL03W Datasheet HTML 2Page - RSG Electronic Components GmbH PDL03W Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
PDL03W SERIES
3 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
12VDC nominal input
24VDC nominal input
48VDC nominal input
4.5 ~ 18VDC
9 ~ 36VDC
18 ~ 75VDC
Input filter
Capacitor type
Input surge voltage
12VDC input
24VDC input
48VDC input
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple
current(Note 6)
12VDC input
24VDC input
48VDC input
25mAp-p
10mAp-p
8mAp-p
Start up time
Nominal input and
constant resistive load
Power up
Remote ON/OFF
30ms
30ms
Remote ON/OFF
DC-DC ON
DC-DC OFF
Open or high impedance
Control pin applied current
2 ~ 4mA max(via 1k
Ω)
Remote off state input current
Nominal input
2.5mA, max.
Application circuit
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +71ºC (without derating)
+71ºC ~ +100ºC (with derating)
Storage temperature range
-55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI(Note6)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient(Note 7)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (Note 7)
EN61000-4-5
± 1kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
Single
Dual
No Load to Full load
5% load to 100% load
No Load to Full Load
± 1%
± 0.5%
± 1%
Cross regulation
(Dual)
Asymmetrical load 25%/100% FL
±5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time
25% load step change
250us
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Standard
Suffix “H”
1600VDC, min. 1minute
3000VDC, min. 1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
Standard
Suffix “H”
200pF, max.
40pF, max.
Switching frequency
Full load to minimum load
100kHz, min.
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
None
Potting material
Silicon (UL94-V0)
Dimensions
0.86 X 0.36 X 0.44 Inch
(21.8 X 9.2 X 11.1 mm)
Weight
4.8g (0.17oz)
MTBF(Note 1)
Bellcore TR-NWT-000332
MIL-HDBK-217F
3.963 x 10
6 hrs
1.707 x 10
6 hrs
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment
FEATURES
• 3 WATTS MAXIMUM OUTPUT POWER
• OUTPUT CURRENT UP TO 700mA
• SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
• HIGH EFFICIENCY UP TO 82%
• 4:1 ULTRA WIDE INPUT VOLTAGE RANGE
• SWITCHING FREQENCY (100kHz, min)
• LOW RIPPLE & NOISE
• UL94-V0 CASE POTTING MATERIALS
• INPUT TO OUTPUT ISOLATION: 1600VDC
• CONTINUOUS SHORT CIRCUIT PROTECTION
• EXTERNAL ON/OFF CONTROL
• CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
• SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
• ISO9001 CERTIFIED MANUFACTURING FACILITIES
• COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
3000VDC ISOLATION
DESCRIPTION
The PDL03W series offer 3 watts of output power from a 0.86 x 0.36 x 0.44 inch package
without derating to 71ºC. The PDL03W series have 4:1 ultra wide input voltage of 4.5~18
9~36 and 18~75VDC and features 1600VDC of isolation, short-circuit protection.


Similar Part No. - PDL03W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03W P-DUKE-PDL03W_14 Datasheet
333Kb / 4P
DC-DC CONVERTER
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
More results

Similar Description - PDL03W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
3 WATTS DC-DC CONVERTER
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
3 WATTS DC-DC CONVERTER
PDS03 RSG-PDS03 Datasheet
181Kb / 3P
3 WATTS DC-DC CONVERTER
PFKC03 RSG-PFKC03 Datasheet
174Kb / 3P
3 WATTS DC-DC CONVERTER
PMKC03 RSG-PMKC03 Datasheet
245Kb / 3P
3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com