Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS5-R30-RD30 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS5-R30-RD30
Description  3.0 Watt 2:1 regulated single & dual output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-R30-RD30 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS5-R30-RD30 Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 3Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS5-R30/RD30
3.0 Watt 2:1 regulated
single & dual output
MODEL SELECTION GUIDE
Page: 2/4
Last update: 30.01.09
NUMBER STRUCTURE
Isolation
1=1.6 kVDC
Power
30=3.0W
Output
03=3.3V
05=5V
12=12V
15=15V
Code
internal
Type
R=Single
regulated
RD=Dual
regulated
Input
05=4.5-9V
12=9-18V
24=18-36V
48=36-72V
Name/Package
RS5=SIL8
RS5
-
XX
XX
R/RD 30
A
X**
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RS5-0503R30A1
4.5-9
65 / 640
3.3
700
74
2200
RS5-0505R30A1
4.5-9
70 / 800
5
600
76
1000
RS5-0512R30A1
4.5-9
75 / 750
12
250
82
470
RS5-0515R30A1
4.5-9
75 / 750
15
200
82
220
RS5-1203R30A1
9-18
25 / 260
3.3
700
76
2200
RS5-1205R30A1
9-18
15 / 320
5
600
81
1000
RS5-1212R30A1
9-18
35 / 305
12
250
84
470
RS5-1215R30A1
9-18
35 / 305
15
200
84
220
RS5-2403R30A1
18-36
15 / 133
3.3
700
74
2200
RS5-2405R30A1
18-36
15 / 160
5
600
79
1000
RS5-2412R30A1
18-36
20 / 156
12
250
82
470
RS5-2415R30A1
18-36
20 / 152
15
200
84
220
RS5-4803R30A1
36-72
10 / 66
3.3
700
75
2200
RS5-4805R30A1
36-72
10 / 82
5
600
78
1000
RS5-4812R30A1
36-72
15 / 78
12
250
81
470
RS5-4815R30A1
36-72
15 / 78
15
200
81
220
RS5-0505RD30A1
4.5-9
90 / 800
±5
±300
77
±470
RS5-0512RD30A1
4.5-9
90 / 760
±12
±125
81
±220
RS5-0515RD30A1
4.5-9
90 / 750
±15
±100
82
±100
RS5-1205RD30A1
9-18
45 / 320
±5
±300
80
±470
RS5-1212RD30A1
9-18
45 / 308
±12
±125
83
±220
RS5-1215RD30A1
9-18
45 / 312
±15
±100
82
±100
RS5-2405RD30A1
18-36
20 / 160
±5
±300
80
±470
RS5-2412RD30A1
18-36
20 / 154
±12
±125
83
±220
RS5-2415RD30A1
18-36
20 / 154
±15
±100
83
±100
RS5-4805RD30A1
36-72
15 / 82
±5
±300
78
±470
RS5-4812RD30A1
36-72
20 / 80
±12
±125
80
±220
RS5-4815RD30A1
36-72
15 / 78
±15
±100
81
±100
DERATING CURVE
Options:
Please add suffix „M“ for Metal case.
Please add suffix „C“ for Remote Control function.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com