Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS5-R30-RD30 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RS5-R30-RD30
Description  3.0 Watt 2:1 regulated single & dual output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-R30-RD30 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RS5-R30-RD30 Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 3Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS5-R30/RD30
3.0 Watt 2:1 regulated
single & dual output
■
8 Pin SI
P8 package
■
Wide 2:1 input range
■
1600 VDC isolation
■
Continuous short circuit protection
■
Efficiency up to 84%
■
-40°C~71°C operation temperature range
■
Metal case, Remote On/Off optional
Page: 1/4
Last update: 30.01.09
OUTPUT SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (4)
1) Ripple / Noise measured with 20 MHz bandwith.
2) Tested by minimal Vin and constant resistive load.
3) Measured input reflected ripple current with a simulated
source inductance of 12uH and source capacitor Cin (47uF,
ESR < 1.0 Ohm @100 kHz).
4) Exceeding the absolute ratings of the unit could cause
damage. It is not allowed for continuous operating.
5) Operation at no-load conditions will not damage these
devices. However they may not meet all listed
specifications.
Transient Recovery Time 300 us typ., Transient Response
Deviation ± 3% max., Test by normal Vin and 100% -
25% load, 25% load step change.
Remote ON / OFF control
ON: open or high impedance
OFF: 3.0~6.0 mA input current (via 1K)
Input filter components are required to help meet Conducted Emission
class A, which application refer to the EMI filter of design & feature
configuration.
An external filter capacitor is required if the module has to meet EN61000-
4-4 and EN61000-4-5.
Voltage accuracy
± 1%
Line regulation
± 0.5%
Load regulation (From 25% to 100% Load)
± 1%
Cross regulation (dual output)
± 5%
Ripple & Noise (20 MHz bandwith) (1)
75 mV pk-pk
Short circuit protection
Indefinite (automatic recovery)
Temperature coefficient
± 0.02%/°C
Capacitor load (2)
See table
Voltage range
See table
Max. input current
See table
No-load input current
See table
Input filter
Capacitors
Input reflected ripple current (3)
35 mA pk-pk
INPUT SPECIFICATIONS
Efficiency
See table
I/O isolation voltage (3 sec.) Input / Output
1600 VDC
I/O isolation capacitance
680 pF max.
I/O isolation resistance (min.)
1000 M Ohm
Switching frequency (min.)
100 kHz
Humidity
95% rel. H
Reliability calculated MTBF
> 2.465 Mhrs. @25°C
Safety standard (designed to meet)
IEC 60950
GENERAL SPECIFICATIONS
Case material
Non-conductive black plastic
Pin material
C5191R-H solder-coated
Potting material
Epoxy (UL94V-0 rated)
Weight
4.8 g, typ.
Dimensions
SIP > 0.86“ x 0.36“ x 0.44“
PHYSICAL SPECIFICATIONS
Operating temperature
-40°C~ 71°C
Maximum case temperature
100°C
Storage temperature
-40°C~125°C
Cooling
Nature convection
ENVIRONMENT SPECIFICATIONS
NOTE
These are stress ratings. Exposure of devices to any of these
conditions may adversely affect long-term reliability.
Input voltage (100 mS)
5 modes
-0.7 ~ 15 VDC
12 modes
-0.7 ~ 36 VDC
24 modes
-0.7 ~ 50 VDC
48 modes (SIP)
-0.7 ~ 100 VDC
Lead soldering temperature
260°C
(1.5 mm from case 10 sec.)
All specifications typical at Ta = 25°C, nominal input voltage and full load
unless otherwise specified.
The information and specifications contained in this data sheet are believed
to be correct at time of publication. However, we accept no responsibility
for consequences arising from printing errors or inaccuracies.
Subject to change without notice.
Conducted Emissions (10)
EN55022
CLASS A
Radiated Emissions
EN55022
CLASS A
ESD
IEC61000-4-2 Perf.Criteria B
RS
IEC61000-4-3 Perf.Criteria A
EFT (11)
IEC61000-4-4 Perf.Criteria B
Surge (11)
IEC61000-4-5 Perf.Criteria B
CS
IEC61000-4-6 Perf.Criteria A
PFMF
IEC61000-4-8 Perf.Criteria A
EMI CHARACTERISTICS


Similar Part No. - RS5-R30-RD30

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS5-0503R10A1 RSG-RS5-0503R10A1 Datasheet
1Mb / 6P
DC/DC-Converter
RS5-0503R10A3 RSG-RS5-0503R10A3 Datasheet
1Mb / 6P
DC/DC-Converter
RS5-0503R10AX RSG-RS5-0503R10AX Datasheet
1Mb / 6P
DC/DC-Converter
RS5-0503R20A1 RSG-RS5-0503R20A1 Datasheet
1Mb / 6P
DC/DC-Converter
RS5-0503R20A3 RSG-RS5-0503R20A3 Datasheet
1Mb / 6P
DC/DC-Converter
More results

Similar Description - RS5-R30-RD30

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
3 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
5 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
3 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
5 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
6 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
10 Watt 2:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
3.0 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
5.0 Watt 4:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
5 Watt 4:1 regulated single & dual output
RS6-R30 RSG-RS6-R30 Datasheet
112Kb / 3P
3.0 Watt regulated single output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com