Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS5-R30-RD30 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RS5-R30-RD30
Description  3.0 Watt 2:1 regulated single & dual output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS5-R30-RD30 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RS5-R30-RD30 Datasheet HTML 1Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 2Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 3Page - RSG Electronic Components GmbH RS5-R30-RD30 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INPUT REFLECTED RIPPLE CURRENT TEST STEP
Input Reflected Ripple Current is measured through a
source inductor Lin (12 uH) and a source capacitor
Cin (47 uF, ESR < 1.0 M at 100 kHz) at nominal input and
full load.
OUTPUT RIPPLE & NOISE MEASUREMENT TEST
The Scope measurement bandwidth is 20 MHz.
EFFICIENCY VS OUTPUT CURRENT 05
05 MODELS
EFFICIENCY VS OUTPUT CURRENT 12
12 MODELS
EFFICIENCY VS OUTPUT CURRENT 24
24 MODELS
TEST CONFIGURATIONS
EMI Filter
Input filter components (C1, L) are used to help meet
conducted emissions requirement for the module. These
components should be mounted as close as possible to the
module; and all leads should be minimized to decrease
radiated noise.
Page: 3/4
Last update: 30.01.09
EFFICIENCY VS OUTPUT CURRENT 48
48 MODELS
RS5-05XXXXX
RS5-12XXXXX
RS5-24XXXXX
RS5-48XXXXX
The models listed are just for standard type. If you need a
special specification product, please contact our service.
Phone: +49 69 984047-0, mail to: info@rsg-electronic.de
or use the forms on www.rsg-electronic.de („Kontakt“).
RS5-R30/RD30
3.0 Watt 2:1 regulated
single & dual output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com